Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7521A Datasheet (PDF) - List of Unclassifed Manufacturers

ASC7521A Datasheet PDF - List of Unclassifed Manufacturers
Part # ASC7521A
Download  ASC7521A Download
File Size   276.87 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR

ASC7521A Datasheet (PDF)

Go To PDF Page Download Datasheet
ASC7521A Datasheet PDF - List of Unclassifed Manufacturers

Part # ASC7521A
Download  ASC7521A Click to download

File Size   276.87 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR

ASC7521A Datasheet (HTML) - List of Unclassifed Manufacturers


ASC7521A Product details

[Andigilog, Inc. ]

Product Description
The aSC7521A is a high-precision CMOS temperature sensor and voltage monitor with Simple Serial Transport (SST) compatible serial digital interface, intended for use in PC hardware monitor applications.

Features
• On-chip and remote temperature sensors
• Accuracy:
   o +/- 3°C over operational range
   o Internal +/- 2°C over 40°C to 70°C
   o Remote +/- 1°C over 50°C to 70°C
• Operational Range: -40°C to 125°C
• Temperature resolution: 0.125°C
• 1-wire SST serial interface
• Negotiable SST signaling rate up to 2-Mbps
• Temperature and errors reported over SST
• Internally corrected for diode non-ideality and series resistance
• 3-state address pins set one of 9 SST bus address 0x48 through 0x50
• 8-lead MSOP package
• MSL-1 per JEDEC J-STD-020C
• Pb-free Matte Sn leadfinish & RoHS Compliant Packages

Applications
   Desktop and Notebook Computers




Similar Part No. - ASC7521A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
ASC7512D8 ETC2-ASC7512D8 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Similar Description - ASC7521A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Maxim Integrated Produc...
MAX31826 MAXIM-MAX31826 Datasheet
1Mb / 22P
1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM
Rev 0; 3/12
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
Low-Power, Digital Temperature Sensor with SMAART Wire Interface
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
S5851A SII-S5851A Datasheet
569Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
Low-Power Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX31820 MAXIM-MAX31820 Datasheet
1Mb / 21P
1-Wire Ambient Temperature Sensor
Rev 0; 6/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com