Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31826 Datasheet (PDF) - Maxim Integrated Products

MAX31826 Datasheet PDF - Maxim Integrated Products
Part # MAX31826
Download  MAX31826 Download
File Size   1901.21 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM

MAX31826 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31826 Datasheet PDF - Maxim Integrated Products

Part # MAX31826
Download  MAX31826 Click to download

File Size   1901.21 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM

MAX31826 Datasheet (HTML) - Maxim Integrated Products


MAX31826 Product details

General Description
The MAX31826 digital thermometer provides 12-bit temperature measurements and communicates over a 1-WireM bus that by definition requires only one data line (and ground) for communication with a central microcontroller. It has a -55NC to +125NC operating temperature range and is accurate to Q0.5NC over the -10NC to +85NC range. In addition, the device can derive power directly from the data line (“parasite power”), eliminating the need for an external power supply.

Benefits and Features
♦ Unique 1-Wire Interface Requires Only One Port Pin for Communication
♦ Integrated Temperature Sensor and EEPROM Reduce Component Count
    ◇ Measures Temperatures from -55NC to +125NC (-67NF to +257NF)
    ◇ ±0.5NC Accuracy from -10NC to +85NC
    ◇ 12-Bit Temperature Resolution (0.0625NC)
    ◇ 1Kb EEPROM Can Be Locked to Prevent Further Writes
♦ Multidrop Capability Simplifies Multisensor Systems
    ◇ Each Device Has a Unique 64-Bit Serial Code Stored in On-Board ROM
    ◇ Four Pin-Programmable Bits to Uniquely Identify Up to 16 Sensor Locations on a Bus
♦ Can Be Powered from Data Line (3.0V to 3.7V Power-Supply Range)
♦ 8-Pin µMAX® Package

Applications
    Industrial Systems
    Building Automation
    Consumer Equipment
    System Calibration
    Module Identification




Similar Part No. - MAX31826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3182 MAXIM-MAX3182 Datasheet
136Kb / 6P
3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX31820 MAXIM-MAX31820 Datasheet
1Mb / 21P
1-Wire Ambient Temperature Sensor
Rev 0; 6/13
MAX31820PAR MAXIM-MAX31820PAR Datasheet
966Kb / 21P
1-Wire, Parasite-Power, Ambient Temperature Sensor
Rev 0; 6/13
MAX31825 MAXIM-MAX31825 Datasheet
2Mb / 8P
On-Board I2C to 1-Wire Converter (DS2482)
319-100517; Rev 1; 3/20
MAX31825EVKIT# MAXIM-MAX31825EVKIT# Datasheet
2Mb / 8P
On-Board I2C to 1-Wire Converter (DS2482)
319-100517; Rev 1; 3/20
More results


Similar Description - MAX31826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS28E02 MAXIM-DS28E02 Datasheet
189Kb / 21P
1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
DS28E02 MAXIM-DS28E02 Datasheet
191Kb / 21P
1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Rev 1; 3/12
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E35 MAXIM-DS28E35 Datasheet
1Mb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
Rev 2; 5/13
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E35 MAXIM-DS28E35_V01 Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com