Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3182 Datasheet (PDF) - Maxim Integrated Products

MAX3182 Datasheet PDF - Maxim Integrated Products
Part # MAX3182
Download  MAX3182 Download
File Size   136.31 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5

MAX3182 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3182 Datasheet PDF - Maxim Integrated Products

Part # MAX3182
Download  MAX3182 Click to download

File Size   136.31 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5

MAX3182 Datasheet (HTML) - Maxim Integrated Products


MAX3182 Product details

General Description
The MAX3180–MAX3183 are single RS-232 receivers in a SOT23-5 package for space- and cost-constrained applications requiring minimal RS-232 communications. These devices minimize power and heat dissipation by consuming only 0.5µA supply current from a +3.0V to +5.5V supply voltage. They guarantee true RS-232 per formance up to a 1.5Mbps data rate.
The MAX3180/MAX3182 feature a three-state TTL/CMOS receiver output that is controlled by an EN logic input. The MAX3181/MAX3183 feature an INVALID out put that indicates valid RS-232 signals at the receiver input for applications requiring automatic system wake up. The MAX3180/MAX3181 receivers have a standard inverting output, while the MAX3182/MAX3183 receivers have a noninverting output.

Features
♦ Tiny SOT23-5 Package
♦ 0.5µA Supply Current
♦ 1.5Mbps Guaranteed Data Rate
♦ Meet EIA/TIA-232 and V.28/V.24 Specifications
   Down to VCC = +3.0V
♦ INVALID Output Indicates Valid RS-232 Signal at
   Receiver Input (MAX3181/MAX3183)
♦ Three-State TTL/CMOS Receiver Output
   (MAX3180/MAX3182)
♦ Noninverting RS-232 Output (MAX3182/MAX3183)

Applications
   Diagnostic Ports
   Set-Top Boxes
   Telecommunications
   Digital Cameras
   Networking Equipment
   Hand-Held Equipment




Similar Part No. - MAX3182

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31820 MAXIM-MAX31820 Datasheet
1Mb / 21P
1-Wire Ambient Temperature Sensor
Rev 0; 6/13
MAX31820PAR MAXIM-MAX31820PAR Datasheet
966Kb / 21P
1-Wire, Parasite-Power, Ambient Temperature Sensor
Rev 0; 6/13
MAX31825 MAXIM-MAX31825 Datasheet
2Mb / 8P
On-Board I2C to 1-Wire Converter (DS2482)
319-100517; Rev 1; 3/20
MAX31825EVKIT# MAXIM-MAX31825EVKIT# Datasheet
2Mb / 8P
On-Board I2C to 1-Wire Converter (DS2482)
319-100517; Rev 1; 3/20
MAX31825EVSYS1 MAXIM-MAX31825EVSYS1 Datasheet
2Mb / 8P
On-Board I2C to 1-Wire Converter (DS2482)
319-100517; Rev 1; 3/20
More results


Similar Description - MAX3182

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
logo
Maxim Integrated Produc...
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
19-1444; Rev 1; 7/99
logo
Intersil Corporation
ICL3217 INTERSIL-ICL3217 Datasheet
297Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
July 2004
logo
Maxim Integrated Produc...
MAX3180E MAXIM-MAX3180E Datasheet
145Kb / 8P
-15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
logo
Intersil Corporation
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com