Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7580011 Datasheet (PDF) - Turck, Inc.

7580011 Datasheet PDF - Turck, Inc.
Part # 7580011
Download  7580011 Download
File Size   410.13 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Isolating switching amplifier 1-channel

7580011 Datasheet (PDF)

Go To PDF Page Download Datasheet
7580011 Datasheet PDF - Turck, Inc.

Part # 7580011
Download  7580011 Click to download

File Size   410.13 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Isolating switching amplifier 1-channel

7580011 Datasheet (HTML) - Turck, Inc.


7580011 Product details

Sensors according to EN 60947-5-6 (NAMUR)
or potential-free contacts can be connected
to the IMX12-DI03-1S-2R-SPR/24VDC/CC
isolating switching amplifier. The device is
equipped with intrinsically safe input circuits
and can be installed in zone 2. The device
can be switched between 1-channel operation
with signal doubling or 1-channel operation
with alarm message output using DIP switches. The output circuits are equipped with two
changeover relays. The device can be powered from a power bridge that also transmits
a collective fault signal. The device complies
with the requirements of NE21.
The devices feature DIP switches on the
front. This allows to select between the output
mode, the input circuit monitoring, as well as
toggle between signal duplication and 1-channel operation. When using mechanical contacts, either line monitoring must be switched
off or the contact must be wired with resistors
(see wiring diagram).
The green LED indicates operational readiness. An error in the input circuit causes the
red LED to flash according to NE44. The relay of the corresponding output circuit drops
out and the common alarm output switches to
conductive.

The device can be used in safety circuits up to
SIL2 (high and low demand according to IEC
61508).
The device is equipped with removable spring
type terminals.

■ Relay output (changeover)
■ Alarm output (changeover)
■ Switchable: Alarm output or signal doubling
■ Output mode adjustable (NO/NC mode)
■ Input circuits monitored for wire-break/
short-circuit (ON/OFF switchable)
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable spring type terminals
■ Power bridge (connector incl. in delivery)
■ ATEX, IECEx, NEPSI, cUL, cFM, INMETRO, KOSHA, TIIS, TR CU EAC,
■ Installation in zone 2
■




Similar Part No. - 7580011

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
7580010 TURCK-7580010 Datasheet
250Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580012 TURCK-7580012 Datasheet
222Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580013 TURCK-7580013 Datasheet
347Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580014 TURCK-7580014 Datasheet
220Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580015 TURCK-7580015 Datasheet
381Kb / 5P
Isolating switching amplifier 1-channel
2023-07-21
More results


Similar Description - 7580011

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
SW2001-EX MORNSUN-SW2001-EX Datasheet
68Kb / 2P
SW20XX-EX Isolating Switching Barrier
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
Configurable 3-way isolating amplifier
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
2865405 PHOENIX-2865405 Datasheet
387Kb / 9P
Output isolating amplifier Ex
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com