Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7580014 Datasheet (PDF) - Turck, Inc.

7580014 Datasheet PDF - Turck, Inc.
Part # 7580014
Download  7580014 Download
File Size   220.88 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Isolating switching amplifier 1-channel

7580014 Datasheet (PDF)

Go To PDF Page Download Datasheet
7580014 Datasheet PDF - Turck, Inc.

Part # 7580014
Download  7580014 Click to download

File Size   220.88 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Isolating switching amplifier 1-channel

7580014 Datasheet (HTML) - Turck, Inc.


7580014 Product details

Sensors according to EN 60947-5-6 (NAMUR)
or potential-free contacts can be connected
to the IMX12-DI03-1S-2T-S/24VDC isolating
switching amplifier. The device is equipped
with intrinsically safe input circuits and can
be installed in zone 2. The device can be
switched between 1-channel operation with
signal doubling or 1-channel operation with
alarm message output using DIP switches.
The output circuits are equipped with two potential-free transistors. The device complies
with the requirements of NE21.
The devices feature DIP switches on the
front. This allows to select between the output
mode, the input circuit monitoring, as well as
toggle between signal duplication and 1-channel operation. When using mechanical contacts, either line monitoring must be switched
off or the contact must be wired with resistors
(see wiring diagram).
The green LED indicates operational readiness. An error in the input circuit causes the
red LED to flash according to NE44. Then, the
transistor of the corresponding output circuit
locks.

The device can be used in safety circuits up to
SIL2 (high and low demand according to IEC
61508).
The device is equipped with removable spring
type terminals.

■ Transistor output (ð10 kHz)
■ Switchable: Alarm output or signal doubling
■ Output mode adjustable (NO/NC mode)
■ Input circuits monitored for wire-break/
short-circuit (ON/OFF switchable)
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable spring type terminals
■ ATEX, IECEx, NEPSI, cUL, cFM, INMETRO, KOSHA, TIIS, TR CU EAC,
■ Installation in zone 2
■ SIL 2




Similar Part No. - 7580014

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
7580010 TURCK-7580010 Datasheet
250Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580011 TURCK-7580011 Datasheet
410Kb / 5P
Isolating switching amplifier 1-channel
2023-07-21
7580012 TURCK-7580012 Datasheet
222Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580013 TURCK-7580013 Datasheet
347Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
7580015 TURCK-7580015 Datasheet
381Kb / 5P
Isolating switching amplifier 1-channel
2023-07-21
More results


Similar Description - 7580014

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
SW2001-EX MORNSUN-SW2001-EX Datasheet
68Kb / 2P
SW20XX-EX Isolating Switching Barrier
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
Configurable 3-way isolating amplifier
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
2865405 PHOENIX-2865405 Datasheet
387Kb / 9P
Output isolating amplifier Ex
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com