Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R24C2T25 Datasheet (PDF) - Recom International Power

R24C2T25 Datasheet PDF - Recom International Power
Part # R24C2T25
Download  R24C2T25 Download
File Size   822.89 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 2W / 21V-27VDC / 36 Pin SSOP Package RxxC2Txx series / Power Module

R24C2T25 Datasheet (PDF)

Go To PDF Page Download Datasheet
R24C2T25 Datasheet PDF - Recom International Power

Part # R24C2T25
Download  R24C2T25 Click to download

File Size   822.89 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 2W / 21V-27VDC / 36 Pin SSOP Package RxxC2Txx series / Power Module

R24C2T25 Datasheet (HTML) - Recom International Power


R24C2T25 Product details

FEATURES
• 2W isolated DC/DC converter
• Programmable asymmetrical output voltages
• For IGBT/Si/SiC/Cascode GaN gate drive bias voltages
• High 3kVAC/1min isolation with 150kV/μs CMTI
• 1.5W at -40°C to +100°C
• Less than 3.5pF isolation capacitance
• Compact 7.5x12.83mm SMD package
• 3 years warranty




Similar Part No. - R24C2T25

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R24C05 RECOM-R24C05 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
R24C09 RECOM-R24C09 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
R24C12 RECOM-R24C12 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
R24C15 RECOM-R24C15 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
More results


Similar Description - R24C2T25

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
33-36 GHz 2W Power Amplifier
logo
National Semiconductor ...
MSC16 NSC-MSC16 Datasheet
24Kb / 1P
MOLDED PACKAGE SSOP, EIAJ
logo
Maxim Integrated Produc...
21-0056C MAXIM-21-0056C Datasheet
17Kb / 1P
PACKAGE OUTLINE, SSOP, 5.3 MM
Rev C
logo
TriQuint Semiconductor
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
33-36 GHz 2W Power Amplifier
logo
Renesas Technology Corp
M3T-SSOP36B-450 RENESAS-M3T-SSOP36B-450 Datasheet
111Kb / 1P
Direct Dummy IC for 36-pin 0.8mm-pitch SSOP
logo
Aries Electronics, Inc.
24-651000-10 ARIES-24-651000-10 Datasheet
499Kb / 1P
36-Pin SSOP-to-0.6 DIP Adapter
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
33 36 GHz 2W Power Amplifier
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
logo
Minmax Technology Co., ...
ABW-02 MINMAX-ABW-02_15 Datasheet
271Kb / 3P
AC/DC Power Module 2W
logo
Holtek Semiconductor In...
HT46RB70 HOLTEK-HT46RB70_17 Datasheet
998Kb / 49P
48-pin SSOP
2017-04-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com