Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA1141 Datasheet (PDF) - TriQuint Semiconductor

TGA1141 Datasheet PDF - TriQuint Semiconductor
Part # TGA1141
Download  TGA1141 Download
File Size   518.12 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 33-36 GHz 2W Power Amplifier

TGA1141 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA1141 Datasheet PDF - TriQuint Semiconductor

Part # TGA1141
Download  TGA1141 Click to download

File Size   518.12 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 33-36 GHz 2W Power Amplifier

TGA1141 Datasheet (HTML) - TriQuint Semiconductor


TGA1141 Product details

Key Features
• 0.25 um pHEMT Technology
• 17 dB Nominal Gain
• 31 dBm Pout @ P1dB,
• Psat 33dBm @ 6V , 34dBm @7V
• Bias 6 - 7V @ Iq = 880 mA, Id = 1.3 A at Psat
• Chip Dimensions 4.13 x 3.30 x 0.1 mm

Primary Applications
• Military Radar Systems
• Ka Band Sat-Com
• Point-to-Point Radio




Similar Part No. - TGA1141

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
230Kb / 9P
33 36 GHz 2W Power Amplifier
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
33 36 GHz 2W Power Amplifier
More results


Similar Description - TGA1141

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
36 - 40 GHz Power Amplifier
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
33-36 GHz 2W Power Amplifier
logo
Tyco Electronics
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
Amplifier, Power, 2W 5.0-8.5 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 2W 7.1-11.7 GHz
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
Amplifier, Power, 2W 6.5-9.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
logo
Transcom, Inc.
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
29 - 36 GHz 2W PA MMIC
logo
TriQuint Semiconductor
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
36 40 GHz Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
33 36 GHz 2W Power Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
25 - 33 GHz Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com