Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1985 Datasheet (PDF) - Transcom, Inc.

TC1985 Datasheet PDF - Transcom, Inc.
Part # TC1985
Download  TC1985 Download
File Size   100.9 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 29 - 36 GHz 2W PA MMIC

TC1985 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1985 Datasheet PDF - Transcom, Inc.

Part # TC1985
Download  TC1985 Click to download

File Size   100.9 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 29 - 36 GHz 2W PA MMIC

TC1985 Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TC1985

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
TC19 Power Gap Toroidal Inductors
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
2 - 20 GHz 20 dBm MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
6 - 18 GHz 28dBm PA MMIC
More results


Similar Description - TC1985

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
33-36 GHz 2W Power Amplifier
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2W MMIC
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
2.4 GHz 2W MMIC
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
2.4 GHz 2W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
3.3 - 3.7 GHz 2W MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
2.1 - 2.2 GHz 2W MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
14 – 18 GHz 2W PA MMIC
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Transcom, Inc.
TC5285C TRANSCOM-TC5285C Datasheet
644Kb / 7P
27 ??29.5 GHz 2W PA MMIC(Chip Form)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com