Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3151 Datasheet (PDF) - List of Unclassifed Manufacturers

TC3151 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC3151
Download  TC3151 Download
File Size   108.91 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.4 GHz 2W MMIC

TC3151 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3151 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC3151
Download  TC3151 Click to download

File Size   108.91 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.4 GHz 2W MMIC

TC3151 Datasheet (HTML) - List of Unclassifed Manufacturers


TC3151 Product details

[Teletronics International Inc.]

DESCRIPTION
The TC3151 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 2.4-2.5 GHz ISM band applications. The MMIC provides a typical gain of 28 dB and saturation power of more than 34 dBm. Typical bias condition is 7V at 800 mA. The MMIC is a packaged in a standard SO-8 power package. The copper based carrier of the package allows direct soldering of the device to the PCB for proper heat sinking. The input and output matching of the MMIC require minimum external components.

FEATURES
• P-1 dB: 33 dBm
• Small Signal Gain: 28 dB
• Power Added Efficiency: 36 %
• IP3: 42 dBm
• DC Power: 5.6 W




Similar Part No. - TC3151

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC315E1-A TAI-SAW-TC315E1-A Datasheet
187Kb / 4P
SAW Resonator 315MHz
TC315E1B TAI-SAW-TC315E1B Datasheet
211Kb / 3P
SAW Resonator 315 MHz
TC315E2 TAI-SAW-TC315E2 Datasheet
183Kb / 4P
SAW Resonator 315MHz
TC315GD-A TAI-SAW-TC315GD-A Datasheet
257Kb / 6P
SAW Resonator 315.000 MHz
TC315GD-N TAI-SAW-TC315GD-N Datasheet
334Kb / 4P
SAW Resonator 315.00MHz 5X5SMD
More results


Similar Description - TC3151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2W MMIC
logo
Fairchild Semiconductor
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
Transcom, Inc.
TC3541 TRANSCOM-TC3541 Datasheet
150Kb / 2P
5.2 - 5.9 GHz 2W Single Bias MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
2.4 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
2.4 GHz 1W MMIC
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
2.4 GHz 2W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
3.3 - 3.7 GHz 2W MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
2.1 - 2.2 GHz 2W MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
14 – 18 GHz 2W PA MMIC
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
29 - 36 GHz 2W PA MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com