Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3151 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC3151
Description  2.4 GHz 2W MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC3151 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC3151 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3151 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3151 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC3151
Teletronics International Inc.
1803 Research Blvd. Suite 404 Rockville, MD. USA 20850
www.teletronics.com
Phone: 301-309-8500 Fax: 301-309-8851
TEST CIRCUITS
Evaluation Board Schematic
EVALUATION BOARD
PCB Material: FR4
ER = 4.6
Thickness = 31 mil
Unit: mil
Evaluation Board Parts List
Part Type
Reference Designator
Description
Manufacturer
Part Number
Capacitor
C1
3.3 pF 0603
Murata
GRM39C0G3R3C50V
Capacitor
C2
2.5 pF 0603
Murata
GRM39C0G2R5C50V
Capacitor
C3
1 pF 0603
Murata
GRM39C0G010C50V
Capacitor
C4
0.75 pF
Murata
GRM39C0GR75C50V
Capacitor
C5
1.5 pF 0603
Murata
GRM39C0G1R5C50V
Capacitor
C6~8
1000 pF 0603
Murata
GRM39C0G102J50V
Capacitor
C9~11
0.1 uF 0603
Murata
GRM39Y5V104Z25V
Capacitor
C12
4.7uF 1206
Tan Cap



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com