Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3141 Datasheet (PDF) - Transcom, Inc.

TC3141 Datasheet PDF - Transcom, Inc.
Part # TC3141
Download  TC3141 Download
File Size   89.16 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.4 GHz 2W MMIC

TC3141 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3141 Datasheet PDF - Transcom, Inc.

Part # TC3141
Download  TC3141 Click to download

File Size   89.16 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.4 GHz 2W MMIC

TC3141 Datasheet (HTML) - Transcom, Inc.


TC3141 Product details

DESCRIPTION
The TC3141 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost and high volume 2.4-2.5 GHz ISM band applications. The MMIC provides a typical gain of 29 dB and saturation power of more than 33 dBm. Typical bias condition is 7V at 800 mA. The MMIC is a packaged in a standard SO-8 power package. The copper based carrier of the package allows direct soldering of the device to the PCB for proper heat sinking. The input and output matching of the MMIC require external components.

FEATURES
• P-1 dB: 33 dBm
• Small Signal Gain: 29 dB
• Power Added Efficiency: 31 %
• IP3: 42 dBm
• DC Bias: 800 mA @ 7 V




Similar Part No. - TC3141

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3142 TRANSCOM-TC3142 Datasheet
107Kb / 3P
2.45 GHz 5V 32dBm Single-bias MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
2.1 - 2.2 GHz 2W MMIC
logo
TAI-SAW TECHNOLOGY CO.,...
TC314E1-A TAI-SAW-TC314E1-A Datasheet
473Kb / 3P
SAW Resonator 314.95 MHz
TC314E2 TAI-SAW-TC314E2 Datasheet
478Kb / 3P
SAW Resonator 314.95 MHz
More results


Similar Description - TC3141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2W MMIC
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
2.4 GHz 2W MMIC
logo
Fairchild Semiconductor
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
Transcom, Inc.
TC3541 TRANSCOM-TC3541 Datasheet
150Kb / 2P
5.2 - 5.9 GHz 2W Single Bias MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
2.4 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
2.4 GHz 1W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
3.3 - 3.7 GHz 2W MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
2.1 - 2.2 GHz 2W MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
14 – 18 GHz 2W PA MMIC
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
29 - 36 GHz 2W PA MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com