Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-1.0 Datasheet (PDF) - Recom International Power

RPL-1.0 Datasheet PDF - Recom International Power
Part # RPL-1.0
Download  RPL-1.0 Download
File Size   813.53 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 1Amp ◊ Input: 3-22VDC ◊ 11 Pad LGA Package RPL-1.0 Series ◊ Power Module

RPL-1.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RPL-1.0 Datasheet PDF - Recom International Power

Part # RPL-1.0
Download  RPL-1.0 Click to download

File Size   813.53 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 1Amp ◊ Input: 3-22VDC ◊ 11 Pad LGA Package RPL-1.0 Series ◊ Power Module

RPL-1.0 Datasheet (HTML) - Recom International Power


RPL-1.0 Product details

FEATURES
• Wide input range (3-22V)
• Low profile 2mm
• Small footprint 3x3mm
• Adjustable output 0.6 to 12V
• 1A output current
• Up to 125°C ambient temperature with derating
• Integrated solution
• 3 year warranty




Similar Part No. - RPL-1.0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RPL-10 DBLECTRO-RPL-10 Datasheet
280Kb / 3P
Piano Type Dip Switch
logo
Recom International Pow...
RPL-10 RECOM-RPL-10 Datasheet
840Kb / 7P
10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-10 Series ◊ Power Module FEATURES
Rev. 2-2024
logo
DB Lectro Inc
RPL-10-B-T DBLECTRO-RPL-10-B-T Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-10-K-T DBLECTRO-RPL-10-K-T Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-10-R-T DBLECTRO-RPL-10-R-T Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
More results


Similar Description - RPL-1.0

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
List of Unclassifed Man...
KXTJ2-1009 ETC2-KXTJ2-1009 Datasheet
598Kb / 2P
Ultra-small Package - 2x2x0.9mm LGA
logo
ILSI America LLC
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
Texas Instruments
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
logo
Mallory Sonalert Produc...
VAA02W05090-02 MSPI-VAA02W05090-02 Datasheet
31Kb / 1P
Input Power 1.0 Watts
logo
Recom International Pow...
RPL-3.0 RECOM-RPL-3.0 Datasheet
1Mb / 8P
3.0 Amp 10 Pad LGA Package
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
MPS Industries, Inc.
MPM3612 MPSIND-MPM3612 Datasheet
858Kb / 20P
3V to 22V Input, 1A, Ultra-Low 5μA IQ Power Module in an LGA Package
Rev. 1.0 3/15/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com