Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3612 Datasheet (PDF) - MPS Industries, Inc.

MPM3612 Datasheet PDF - MPS Industries, Inc.
Part # MPM3612
Download  MPM3612 Download
File Size   858.31 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 3V to 22V Input, 1A, Ultra-Low 5μA IQ Power Module in an LGA Package

MPM3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3612 Datasheet PDF - MPS Industries, Inc.

Part # MPM3612
Download  MPM3612 Click to download

File Size   858.31 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 3V to 22V Input, 1A, Ultra-Low 5μA IQ Power Module in an LGA Package

MPM3612 Datasheet (HTML) - MPS Industries, Inc.


MPM3612 Product details

DESCRIPTION
The MPM3612 is a synchronous, rectified, stepdown,
switch-mode power module with built-in
internal power MOSFETs and high light-load
efficiency. The MPM3612 has an ultra-low 5μA
quiescent current (IQ). The MPM3612 offers a
very compact solution that can achieve up to 1A
of continuous output current (IOUT), with excellent
load and line regulation across a wide input
supply range.
The MPM3612 switching edge is optimized for
EMI reduction. Constant-on-time (COT) control
enables seamless mode transition and fast load
transient response.
Protection features include over-current
protection (OCP), over-voltage protection (OVP),
and thermal shutdown.
The MPM3612 requires a minimal number of
readily available, standard external components,
and is available in a space-saving LGA
(3mmx3mmx2mm) package.

FEATURES
• Wide 3V to 22V Operating Input Voltage
(VIN) Range
• 5μA Low Quiescent Current (IQ)
• 1A Load Current
• High Efficiency from 100μA to 1A Load at
4V to 22V VIN
• Power-Save Mode (PSM)
• 1.25MHz Fixed Switching Frequency (fSW)
during Continuous Conduction Mode (CCM)
• tON Extension to Support Large Duty Cycles
• Power Good (PG) Indication
• EN Shutdown Output Discharge
• Over-Current Protection (OCP), Over-
Voltage Protection (OVP), and Hiccup Mode
• Adjustable Output Voltage (VOUT)
• Available in an LGA (3mmx3mmx2mm)
Package

APPLICATIONS
• Internet of Things (IoT)
• Home Automation and Home Security
• Single- or Multi-Cell Li-Ion Battery Systems
• Multi-Cell Dry Battery Systems
• Server Power




Similar Part No. - MPM3612

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610A MPS-MPM3610A Datasheet
805Kb / 23P
21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610AGQV MPS-MPM3610AGQV Datasheet
805Kb / 23P
21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610GQV MPS-MPM3610GQV Datasheet
846Kb / 23P
21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Similar Description - MPM3612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXTJ2-1009 ETC2-KXTJ2-1009 Datasheet
598Kb / 2P
Ultra-small Package - 2x2x0.9mm LGA
logo
Texas Instruments
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
TPSM265R1 TI1-TPSM265R1 Datasheet
674Kb / 29P
TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
TPSM265R1 TI1-TPSM265R1_V01 Datasheet
976Kb / 32P
TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
Diodes Incorporated
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com