Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7842 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7842 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7842
Download  IRF7842 Download
File Size   724.16 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-ch 40V Fast Switching MOSFETs

IRF7842 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7842 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7842
Download  IRF7842 Click to download

File Size   724.16 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-ch 40V Fast Switching MOSFETs

IRF7842 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7842 Product details

Features
Advanced Trench MOS Technology
Low Gate Charge
Fast Switching Speed
100% EAS Guaranteed
Green Device Available

Applications
Power Management in Desktop Computer or
DC/DC Converters.
Isolated DC/DC Converters in Telecom and
Industrial.




Similar Part No. - IRF7842

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7842 IRF-IRF7842 Datasheet
179Kb / 9P
Power MOSFET(Vdss = 40 V)
IRF7842 IRF-IRF7842 Datasheet
185Kb / 9P
Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF Datasheet
162Kb / 9P
HEXFET Power MOSFET
IRF7842PBF IRF-IRF7842PBF Datasheet
225Kb / 10P
Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
Synchronous MOSFET for Notebook Processor Power
More results


Similar Description - IRF7842

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD4002 XINDEYI-UD4002 Datasheet
689Kb / 4P
N-Ch 40V Fast Switching MOSFETs
logo
uPI Group Inc.
QM4002AD UPI-QM4002AD Datasheet
267Kb / 4P
N-Ch 40V Fast Switching MOSFETs
QM4004D UPI-QM4004D Datasheet
220Kb / 4P
N-Ch 40V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA4004 FETEK-FKBA4004 Datasheet
554Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4048 FETEK-FKBA4048 Datasheet
460Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : B
FKBA4086A FETEK-FKBA4086A Datasheet
493Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBB4052 FETEK-FKBB4052 Datasheet
435Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : B
FKN4002 FETEK-FKN4002 Datasheet
483Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4002 FETEK-FKS4002 Datasheet
551Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4006 FETEK-FKS4006 Datasheet
550Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com