Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7842 Datasheet (PDF) - International Rectifier

IRF7842 Datasheet PDF - International Rectifier
Part # IRF7842
Download  IRF7842 Download
File Size   179.74 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 40 V)

IRF7842 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7842 Datasheet PDF - International Rectifier

Part # IRF7842
Download  IRF7842 Click to download

File Size   179.74 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 40 V)

IRF7842 Datasheet (HTML) - International Rectifier


IRF7842 Product details

Benefits

● Very Low RDS(on) at 4.5V VGS

● Low Gate Charge

● Fully Characterized Avalanche Voltage and Current



Applications

● Synchronous MOSFET for Notebook Processor Power

● Secondary Synchronous Rectification for Isolated DC-DC Converters

● Synchronous Fet for Non-Isolated DC-DC Converters



 




Similar Part No. - IRF7842

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7842 IRF-IRF7842 Datasheet
185Kb / 9P
Synchronous MOSFET for Notebook Processor Power
logo
EVER SEMICONDUCTOR CO.,...
IRF7842 EVVOSEMI-IRF7842 Datasheet
724Kb / 4P
N-ch 40V Fast Switching MOSFETs
Rev:2023A2
logo
International Rectifier
IRF7842PBF IRF-IRF7842PBF Datasheet
162Kb / 9P
HEXFET Power MOSFET
IRF7842PBF IRF-IRF7842PBF Datasheet
225Kb / 10P
Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
Synchronous MOSFET for Notebook Processor Power
More results


Similar Description - IRF7842

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRF5851 IRF-IRF5851 Datasheet
172Kb / 14P
Power MOSFET(Vdss = -20 V)
IRF7478 IRF-IRF7478 Datasheet
209Kb / 8P
Power MOSFET(Vdss=60V)
IRF7702 IRF-IRF7702 Datasheet
138Kb / 8P
Power MOSFET(Vdss=-12V)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com