Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7703 Datasheet (PDF) - International Rectifier

IRF7703 Datasheet PDF - International Rectifier
Part # IRF7703
Download  IRF7703 Download
File Size   137.36 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-40V)

IRF7703 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7703 Datasheet PDF - International Rectifier

Part # IRF7703
Download  IRF7703 Click to download

File Size   137.36 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-40V)

IRF7703 Datasheet (HTML) - International Rectifier


IRF7703 Product details

Description
HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier is well known for, provides the designer with an extremely efficient and reliable device for battery and load management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.2mm) allows it to fit easily into extremely thin environments such as portable electronics and PCMCIA cards.

● Ultra Low On-Resistance
● P-Channel MOSFET
● Very Small SOIC Package
● Low Profile (< 1.2mm)
● Available in Tape & Reel




Similar Part No. - IRF7703

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7703PBF IRF-IRF7703PBF Datasheet
243Kb / 9P
Ultra Low On-Resistance
More results


Similar Description - IRF7703

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF5804 IRF-IRF5804 Datasheet
99Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
Power MOSFET(Vdss=40V, Id=9.4A)
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
Power MOSFET(Vdss=40V, Id=9.0A)
IRF7704 IRF-IRF7704 Datasheet
193Kb / 8P
Power MOSFET(Vdss=-40V)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com