Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7702 Datasheet (PDF) - International Rectifier

IRF7702 Datasheet PDF - International Rectifier
Part # IRF7702
Download  IRF7702 Download
File Size   138.75 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-12V)

IRF7702 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7702 Datasheet PDF - International Rectifier

Part # IRF7702
Download  IRF7702 Click to download

File Size   138.75 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-12V)

IRF7702 Datasheet (HTML) - International Rectifier


IRF7702 Product details

Description
HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier is well known for,provides thedesigner with an extremely efficient and reliable device for battery and load management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) allows it to fit easily into extremely thin environments such as portable electronics and PCMCIA cards.

● Ultra Low On-Resistance
● -1.8V Rated
● P-Channel MOSFET
● Very Small SOIC Package
● Low Profile ( < 1.1mm)
● Available in Tape & Reel




Similar Part No. - IRF7702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7702 IRF-IRF7702 Datasheet
144Kb / 8P
Ultra Low On-Resistance
IRF7702GPBF IRF-IRF7702GPBF Datasheet
233Kb / 8P
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
IRF7702GPBF IRF-IRF7702GPBF Datasheet
243Kb / 9P
Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
IRF7702PBF IRF-IRF7702PBF Datasheet
184Kb / 8P
HEXFET Power MOSFET
IRF7702TR IRF-IRF7702TR Datasheet
144Kb / 8P
Ultra Low On-Resistance
More results


Similar Description - IRF7702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7476 IRF-IRF7476 Datasheet
111Kb / 8P
Power MOSFET(Vdss=12V, Id=15A)
IRF7701 IRF-IRF7701 Datasheet
147Kb / 9P
Power MOSFET(Vdss=-12V)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRF7754 IRF-IRF7754 Datasheet
144Kb / 9P
Power MOSFET(Vdss=-12V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com