Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7702GPBF Datasheet (PDF) - International Rectifier

IRF7702GPBF Datasheet PDF - International Rectifier
Part # IRF7702GPBF
Download  IRF7702GPBF Download
File Size   233.57 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated

IRF7702GPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7702GPBF Datasheet PDF - International Rectifier

Part # IRF7702GPBF
Download  IRF7702GPBF Click to download

File Size   233.57 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated

IRF7702GPBF Datasheet (HTML) - International Rectifier


IRF7702GPBF Product details

Description
HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier is well known for,provides thedesigner with an extremely efficient and reliable device for battery and load management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) allows it to fit easily into extremely thin environments such as portable electronics and PCMCIA cards.

● Ultra Low On-Resistance
● -1.8V Rated
● P-Channel MOSFET
● Very Small SOIC Package
● Low Profile ( < 1.1mm)
● Available in Tape & Reel
● Lead-Free
● Halogen-Free




Similar Part No. - IRF7702GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7702GPBF IRF-IRF7702GPBF Datasheet
243Kb / 9P
Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
More results


Similar Description - IRF7702GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7700GPBF IRF-IRF7700GPBF Datasheet
246Kb / 9P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7701GPBF IRF-IRF7701GPBF Datasheet
241Kb / 9P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7704GPBF IRF-IRF7704GPBF Datasheet
250Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7705GPBF IRF-IRF7705GPBF Datasheet
240Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7754GPBF IRF-IRF7754GPBF Datasheet
241Kb / 9P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7755GPBF IRF-IRF7755GPBF Datasheet
240Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7757GPBF IRF-IRF7757GPBF Datasheet
244Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com