Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7757GPBF Datasheet (PDF) - International Rectifier

IRF7757GPBF Datasheet PDF - International Rectifier
Part # IRF7757GPBF
Download  IRF7757GPBF Download
File Size   244.54 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFETPower MOSFET Ultra Low On-Resistance

IRF7757GPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7757GPBF Datasheet PDF - International Rectifier

Part # IRF7757GPBF
Download  IRF7757GPBF Click to download

File Size   244.54 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFETPower MOSFET Ultra Low On-Resistance

IRF7757GPBF Datasheet (HTML) - International Rectifier


IRF7757GPBF Product details

Description
HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier is well known for, provides the designer with an extremely efficient and reliable device for battery and load management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.2mm) allows it to fit easily into extremely thin environments such as portable electronics and PCMCIA cards.

●  Ultra Low On-Resistance
●  Dual N-Channel MOSFET
●  Very Small SOIC Package
●  Low Profile (< 1.2mm)
●  Available in Tape & Reel
●  Common Drain Configuration
●  Lead-Free
●  Halogen-Free




Similar Part No. - IRF7757GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
logo
Infineon Technologies A...
IRF7757 INFINEON-IRF7757 Datasheet
132Kb / 9P
HEXFET® Power MOSFET
05/03/01
logo
International Rectifier
IRF7757PBF IRF-IRF7757PBF Datasheet
156Kb / 9P
Ultra Low On-Resistance
logo
Infineon Technologies A...
IRF7757TRPBF INFINEON-IRF7757TRPBF Datasheet
132Kb / 9P
HEXFET® Power MOSFET
05/03/01
More results


Similar Description - IRF7757GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7700GPBF IRF-IRF7700GPBF Datasheet
246Kb / 9P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7701GPBF IRF-IRF7701GPBF Datasheet
241Kb / 9P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7702GPBF IRF-IRF7702GPBF Datasheet
233Kb / 8P
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7704GPBF IRF-IRF7704GPBF Datasheet
250Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7705GPBF IRF-IRF7705GPBF Datasheet
240Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7754GPBF IRF-IRF7754GPBF Datasheet
241Kb / 9P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7755GPBF IRF-IRF7755GPBF Datasheet
240Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com