Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7702 Datasheet (PDF) - International Rectifier

IRF7702 Datasheet PDF - International Rectifier
Part # IRF7702
Download  IRF7702 Download
File Size   144.31 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low On-Resistance

IRF7702 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7702 Datasheet PDF - International Rectifier

Part # IRF7702
Download  IRF7702 Click to download

File Size   144.31 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low On-Resistance

IRF7702 Datasheet (HTML) - International Rectifier


IRF7702 Product details

Description
HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier is well known for,provides thedesigner with an extremely efficient and reliable device for battery and load management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) allows it to fit easily into extremely thin environments such as portable electronics and PCMCIA cards.

● Ultra Low On-Resistance
● -1.8V Rated
● P-Channel MOSFET
● Very Small SOIC Package
● Low Profile ( < 1.1mm)
● Available in Tape & Reel




Similar Part No. - IRF7702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7702 IRF-IRF7702 Datasheet
138Kb / 8P
Power MOSFET(Vdss=-12V)
IRF7702GPBF IRF-IRF7702GPBF Datasheet
233Kb / 8P
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
IRF7702GPBF IRF-IRF7702GPBF Datasheet
243Kb / 9P
Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
IRF7702PBF IRF-IRF7702PBF Datasheet
184Kb / 8P
HEXFET Power MOSFET
IRF7702TRPBF IRF-IRF7702TRPBF Datasheet
190Kb / 8P
Ultra Low On-Resistance
More results


Similar Description - IRF7702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7425TRPBF IRF-IRF7425TRPBF Datasheet
157Kb / 9P
Ultra Low On-Resistance
IRLML5203GTRPBF IRF-IRLML5203GTRPBF Datasheet
199Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
ULTRA LOW ON-RESISTANCE
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF8852TRPBF IRF-IRF8852TRPBF Datasheet
276Kb / 10P
 Ultra Low On-Resistance
IRLML6402GTRPBF IRF-IRLML6402GTRPBF Datasheet
188Kb / 8P
Ultra Low On-Resistance
IRFR9024NTRLPBF IRF-IRFR9024NTRLPBF Datasheet
1Mb / 11P
Ultra Low On-Resistance
IRLMS2002TR IRF-IRLMS2002TR Datasheet
100Kb / 8P
Ultra Low On-Resistance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com