Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7478 Datasheet (PDF) - International Rectifier

IRF7478 Datasheet PDF - International Rectifier
Part # IRF7478
Download  IRF7478 Download
File Size   209.14 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V)

IRF7478 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7478 Datasheet PDF - International Rectifier

Part # IRF7478
Download  IRF7478 Click to download

File Size   209.14 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V)

IRF7478 Datasheet (HTML) - International Rectifier


IRF7478 Product details

Benefits
● Low Gate to Drain Charge to Reduce Switching Losses
● Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)
● Fully Characterized Avalanche Voltage and Current

Applications
● High frequency DC-DC converters




Similar Part No. - IRF7478

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7478 EVVOSEMI-IRF7478 Datasheet
491Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Rev:2023A2
logo
International Rectifier
IRF7478PBF IRF-IRF7478PBF Datasheet
128Kb / 8P
SMPS MOSFET
IRF7478PBF IRF-IRF7478PBF Datasheet
133Kb / 8P
High frequency DC-DC converters
IRF7478PBF IRF-IRF7478PBF Datasheet
133Kb / 8P
High frequency DC-DC converters
IRF7478PBF-1 IRF-IRF7478PBF-1 Datasheet
203Kb / 8P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7478

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com