Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCZ44 Datasheet (PDF) - International Rectifier

IRCZ44 Datasheet PDF - International Rectifier
Part # IRCZ44
Download  IRCZ44 Download
File Size   132.4 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)

IRCZ44 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRCZ44 Datasheet PDF - International Rectifier

Part # IRCZ44
Download  IRCZ44 Click to download

File Size   132.4 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)

IRCZ44 Datasheet (HTML) - International Rectifier


IRCZ44 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device, low on-resistance and cost-effectiveness.
The HEXSense device provides an accurate fraction of the drain current through the additional two leads to be used for control or protection of the device. These devices exhibit similar electrical and thermal characteristics as their IRF-series equivalent part numbers. The provision of a kelvin source connection effectively eliminates problems of common source inductance when the HEXSence is used as a fast, high-current switch in non current-sensing applications.

● Dynamic dv/dt Rating
● Current Sense
● 175°C Operating Temperature
● Fast Switching
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRCZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44PBF IRF-IRCZ44PBF Datasheet
138Kb / 6P
Simple Drive Requirements
More results


Similar Description - IRCZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com