Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCZ44 Datasheet(PDF) 1 Page - International Rectifier

Part # IRCZ44
Description  Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ44 Datasheet(HTML) 1 Page - International Rectifier

  IRCZ44 Datasheet HTML 1Page - International Rectifier IRCZ44 Datasheet HTML 2Page - International Rectifier IRCZ44 Datasheet HTML 3Page - International Rectifier IRCZ44 Datasheet HTML 4Page - International Rectifier IRCZ44 Datasheet HTML 5Page - International Rectifier IRCZ44 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C-13
IRCZ44
PD - 9.529B
l Dynamic dv/dt Rating
l Current Sense
l 175°C Operating Temperature
l Fast Switching
l Ease of Paralleling
l Simple Drive Requirements
HEXFET® Power MOSFET
VDSS = 60V
RDS(on) = 0.028Ω
ID = 50*A
Description
Absolute Maximum Ratings
Third Generation HEXFETs from International Rectifier provide the designer with
the best combination of fast switching, ruggedized device, low on-resistance and
cost-effectiveness.
The HEXSense device provides an accurate fraction of the drain current through
the additional two leads to be used for control or protection of the device. These
devices exhibit similar electrical and thermal characteristics as their IRF-series
equivalent part numbers. The provision of a kelvin source connection effectively
eliminates problems of common source inductance when the HEXSence is
used as a fast, high-current switch in non current-sensing applications.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
50*
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
37
IDM
Pulsed Drain Current

210
PD @TC = 25°C
Power Dissipation
150
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
30
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting Torque, 6-32 or M3 screw
10 lbf•in (1.1 N•m)
A
°C
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
—
—
1.0
RθCS
Case-to-Sink, Flat, Greased Surface
—
0.50
—
RθJA
Junction-to-Ambient
—
—
—
62
Thermal Resistance
°C/W
TO-220 HexSense


Similar Part No. - IRCZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44PBF IRF-IRCZ44PBF Datasheet
138Kb / 6P
Simple Drive Requirements
More results

Similar Description - IRCZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com