Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLZ44S Datasheet (PDF) - International Rectifier

IRLZ44S Datasheet PDF - International Rectifier
Part # IRLZ44S
Download  IRLZ44S Download
File Size   282.06 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)

IRLZ44S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLZ44S Datasheet PDF - International Rectifier

Part # IRLZ44S
Download  IRLZ44S Click to download

File Size   282.06 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)

IRLZ44S Datasheet (HTML) - International Rectifier


IRLZ44S Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Surface Mount
• Available in Tape & Reel
• Dynamic dV/dt Rating
• Logic-Level Gate Drive
• RDS(on) Specified at VGS = 4 V & 5 V
• 175 °C Operating Temperature
• Fast Switching




Similar Part No. - IRLZ44S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLZ44S VISHAY-IRLZ44S Datasheet
416Kb / 8P
Power MOSFET
30-May-11
IRLZ44S VISHAY-IRLZ44S Datasheet
483Kb / 10P
Power MOSFET
13-Sep-2021
logo
International Rectifier
IRLZ44SPBF IRF-IRLZ44SPBF Datasheet
837Kb / 9P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRLZ44SPBF VISHAY-IRLZ44SPBF Datasheet
416Kb / 8P
Power MOSFET
30-May-11
IRLZ44SPBF VISHAY-IRLZ44SPBF Datasheet
483Kb / 10P
Power MOSFET
13-Sep-2021
More results


Similar Description - IRLZ44S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48R IRF-IRFZ48R Datasheet
136Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com