Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGE887BO Datasheet (PDF) - NXP Semiconductors

BGE887BO Datasheet PDF - NXP Semiconductors
Part # BGE887BO
Download  BGE887BO Download
File Size   56.01 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Optical receiver module

BGE887BO Datasheet (PDF)

Go To PDF Page Download Datasheet
BGE887BO Datasheet PDF - NXP Semiconductors

Part # BGE887BO
Download  BGE887BO Click to download

File Size   56.01 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Optical receiver module

BGE887BO Datasheet (HTML) - NXP Semiconductors


BGE887BO Product details

DESCRIPTION
Hybrid high dynamic range optical receiver module in a SOT115U package operating at a voltage supply of +24 V (DC). The module contains a monomode optical input suitable for wavelengths from 1290 to 1600 nm, a terminal to monitor the pin diode current and an electrical output with an impedance of 75 Ω.

FEATURES
• Excellent linearity
• Extremely low noise
• Excellent flatness
• Standard CATV outline
• Rugged construction
• Gold metallization ensures excellent reliability.

APPLICATIONS
• CATV systems operating in the 40 to 860 MHz frequency range.




Similar Part No. - BGE887BO

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
Optical receiver module
2000 Apr 10
BGE884 PHILIPS-BGE884 Datasheet
47Kb / 8P
CATV amplifier module
1997 Apr 14
BGE885 PHILIPS-BGE885 Datasheet
46Kb / 8P
CATV amplifier module
1999 Mar 30
BGE885 NXP-BGE885 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
More results


Similar Description - BGE887BO

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
Optical receiver module
1998 Aug 31
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
Optical receiver module
2000 Apr 10
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
Optical receiver modules
2000 Apr 12
BGY67BO PHILIPS-BGY67BO Datasheet
51Kb / 8P
Optical receiver module
2001 Sep 27
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
Optical receiver module
1998 Mar 13
BGY887BO PHILIPS-BGY887BO Datasheet
57Kb / 8P
Optical receiver module
1998 Mar 13
logo
List of Unclassifed Man...
CGE887BO ETC1-CGE887BO Datasheet
187Kb / 1P
870MHZ.GaAs Optical Receiver Module
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
7820R EMCORE-7820R Datasheet
613Kb / 6P
Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
CATV Optical Receiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com