Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGO847 Datasheet (PDF) - NXP Semiconductors

BGO847 Datasheet PDF - NXP Semiconductors
Part # BGO847
Download  BGO847 Download
File Size   81.03 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Optical receiver modules

BGO847 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGO847 Datasheet PDF - NXP Semiconductors

Part # BGO847
Download  BGO847 Click to download

File Size   81.03 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Optical receiver modules

BGO847 Datasheet (HTML) - NXP Semiconductors


BGO847 Product details

DESCRIPTION
High dynamic range optical receiver amplifier modules in a standard SOT115 package where the non-jacketed fibre has either no connector or an FC/APC or an SC/APC connector.
The amplifier supply voltage pin and the photo diode bias voltage pin both connect to 24 V (DC).
The modules have a monomode optical input suitable for 1290 to 1600 nm wavelengths, a terminal to monitor the photo diode current and an electrical output having a characteristic impedance of 75 Ω.

FEATURES
• Improved BGE847BO
• Excellent linearity
• Extremely low noise up to 870 MHz
• Excellent flatness (straight line)
• Standard CATV outline
• Rugged construction
• Gold metallization ensures
   excellent reliability
• High optical input power range.

APPLICATIONS
• CATV optical node systems
   operating in the 40 to 870 MHz
   frequency range.




Similar Part No. - BGO847

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
870 MHz optical receivers
Rev. 01-7 July 2004
BGO807 NXP-BGO807 Datasheet
141Kb / 11P
870 MHz optical receivers
Rev. 2-29 September 2010
BGO807/FC0 PHILIPS-BGO807/FC0 Datasheet
82Kb / 10P
870 MHz optical receivers
Rev. 01-7 July 2004
BGO807/SC0 PHILIPS-BGO807/SC0 Datasheet
82Kb / 10P
870 MHz optical receivers
Rev. 01-7 July 2004
BGO807C NXP-BGO807C Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGO847

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
Optical receiver module
1998 Aug 31
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
Optical receiver modules
2000 Apr 04
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
Optical receiver module
2000 Apr 10
BGY67BO PHILIPS-BGY67BO Datasheet
51Kb / 8P
Optical receiver module
2001 Sep 27
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
Optical receiver module
1998 Mar 13
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
Optical receiver module
2001 Sep 27
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
PINFET optical receiver modules
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
7820R EMCORE-7820R Datasheet
613Kb / 6P
Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
CATV Optical Receiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com