Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGO847 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGO847
Description  Optical receiver modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO847 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGO847 Datasheet HTML 1Page - NXP Semiconductors BGO847 Datasheet HTML 2Page - NXP Semiconductors BGO847 Datasheet HTML 3Page - NXP Semiconductors BGO847 Datasheet HTML 4Page - NXP Semiconductors BGO847 Datasheet HTML 5Page - NXP Semiconductors BGO847 Datasheet HTML 6Page - NXP Semiconductors BGO847 Datasheet HTML 7Page - NXP Semiconductors BGO847 Datasheet HTML 8Page - NXP Semiconductors BGO847 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Apr 12
4
Philips Semiconductors
Product specification
Optical receiver modules
BGO847; BGO847/FC0;
BGO847/SC0
Notes
1. Two laser test; each laser with 40% modulation index; Popt = 1 mW (total).
2. Three laser test; each laser with 60% modulation index; Popt = 1 mW (total).
3. fm = 54 MHz; fp = 187.25 MHz; fq = 133.25 MHz.
4. fm = 446.5 MHz; fp = 97.25 MHz; fq = 349.25 MHz.
5. fm = 548 .5MHz; fp = 109.25 MHz; fq = 439.25 MHz.
6. fm = 746.5 MHz; fp = 133.25 MHz; fq = 613.25 MHz.
7. fm = 854.5 MHz; fp = 133.25 MHz; fq = 721.25 MHz.
8. fm = 55.25 MHz; fp = 109.25 MHz; fq = 133.25 MHz fr = 187.25 MHz.
9. fm = 445.25 MHz; fp = 193.25 MHz; fq = 349.25 MHz fr = 97.25 MHz.
10. fm = 547.25 MHz; fp = 217.25 MHz; fq = 439.25 MHz fr = 109.25 MHz.
11. fm = 745.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz fr = 613.25 MHz.
12. fm = 853.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz fr = 721.25 MHz.
Fig.4 Monitor current pin.
handbook, halfpage
MLB151
10 k
Ω
1 k
Ω
Pin 1
photo
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com