Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5205A Datasheet (PDF) - NXP Semiconductors

SA5205A Datasheet PDF - NXP Semiconductors
Part # SA5205A
Download  SA5205A Download
File Size   114.62 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wide-band high-frequency amplifier

SA5205A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5205A Datasheet PDF - NXP Semiconductors

Part # SA5205A
Download  SA5205A Click to download

File Size   114.62 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wide-band high-frequency amplifier

SA5205A Datasheet (HTML) - NXP Semiconductors


SA5205A Product details

DESCRIPTION

The NE/SA/SE5205A family of wideband amplifiers replace the NE/SA/SE5205 family. The ‘A’ parts are fabricated on a rugged 2µm bipolar process featuring excellent statistical process control. Electrical performance is nominally identical to the original parts. The NE/SA/SE5205A is a high-frequency amplifier with a fixed insertion gain of 20dB. The gain is flat to ±0.5dB from DC to 450MHz, and the -3dB bandwidth is greater than 600MHz in the EC package. This performance makes the amplifier ideal for cable TV applications. For lower frequency applications, the part is also

available in industrial standard dual in-line and small outline packages. The NE/SA/SE5205A operates with a single supply of 6V, and only draws 24mA of supply current, which is much less than comparable hybrid parts. The noise figure is 4.8dB in a 75Ω system and 6dB in a 50Ω system.



FEATURES

• 600MHz bandwidth

• 20dB insertion gain

• 4.8dB (6dB) noise figure ZO=75Ω (ZO=50Ω)

• No external components required

• Input and output impedances matched to 50/75Ω systems

• Surface mount package available

• MIL-STD processing available

• 2000V ESD protection



APPLICATIONS

• 75Ω cable TV decoder boxes

• Antenna amplifiers

• Amplified splitters

• Signal generators

• Frequency counters

• Oscilloscopes

• Signal analyzers

• Broad-band LANs

• Fiber-optics

• Modems

• Mobile radio

• Security systems

• Telecommunications




Similar Part No. - SA5205A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5205A PHILIPS-SA5205A Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 24
SA5205AD PHILIPS-SA5205AD Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 24
SA5205AN PHILIPS-SA5205AN Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 24
More results


Similar Description - SA5205A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
WIDE-BAND AMPLIFIER
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
Wide-Band Amplifier
logo
NXP Semiconductors
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 25
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 24
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
Wide-band high-frequency amplifier
1997 Nov 07
logo
Mini-Circuits
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
Frequency Mixer WIDE BAND
MCA-35H MINI-MCA-35H Datasheet
204Kb / 2P
Frequency Mixer WIDE BAND
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
Frequency Mixer WIDE BAND
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com