Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5214 Datasheet (PDF) - NXP Semiconductors

SA5214 Datasheet PDF - NXP Semiconductors
Part # SA5214
Download  SA5214 Download
File Size   83.93 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Postamplifier with link status indicator

SA5214 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5214 Datasheet PDF - NXP Semiconductors

Part # SA5214
Download  SA5214 Click to download

File Size   83.93 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Postamplifier with link status indicator

SA5214 Datasheet (HTML) - NXP Semiconductors


SA5214 Product details

DESCRIPTION
The SA5214 is a 75MHz postamplifier system designed to accept low level high-speed signals. These signals are converted into a TTL level at the output. The SA5214 can be DC coupled with the previous transimpedance stage using SA5210, SA5211 or SA5212 transimpedance amplifiers.

FEATURES
• Postamp for the SA5211/5212 preamplifier family
• Wideband operation: typical 75MHz (100MBaud NRZ)
• Interstage filtering/equalization possible
• Single 5V supply
• Low signal flag
• Low signal output disable
• Link status threshold and hysteresis programmable
• LED driver (normally ON with above threshold signal)
• Fully differential for excellent PSRR
• Auto-zero loop for DC offset cancellation
• 2kV ElectroStatic Discharge (ESD) protection

APPLICATIONS
• Fiber optics
• Communication links in Industrial and/or Telecom environment with high EMI/RFI
• Local Area Networks (LAN)
• Metropolitan Area Networks (MAN)
• Synchronous Optical Networks (SONET)
• RF limiter




Similar Part No. - SA5214

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
SA5212 PHILIPS-SA5212 Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212A PHILIPS-SA5212A Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AD PHILIPS-SA5212AD Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
More results


Similar Description - SA5214

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5217 PHILIPS-SA5217 Datasheet
98Kb / 12P
Postamplifier with link status indicator
1998 Oct 07
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
Charging indicator and battery status display
logo
PHOENIX CONTACT
FLKM-2I PHOENIX-FLKM-2I Datasheet
49Kb / 3P
Status indicator
FLKM-4I PHOENIX-FLKM-4I Datasheet
49Kb / 3P
Status indicator
logo
WAGO Kontakttechnik Gmb...
788-125 WAGO-788-125 Datasheet
51Kb / 3P
Accessories for relay modules; Operation status indicator: red
788-122 WAGO-788-122 Datasheet
53Kb / 3P
Operation status indicator; 110 VDC
788-121 WAGO-788-121 Datasheet
53Kb / 3P
Accessories for relay modules; Operation status indicator
286-792 WAGO-286-792 Datasheet
325Kb / 6P
Optocoupler module; Red status indicator; gray
286-752-002-000 WAGO-286-752-002-000 Datasheet
324Kb / 6P
Optocoupler module; Red status indicator; gray
logo
Ultralife Corporation.
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
LED status indicator
Rev A
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com