Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5222 Datasheet (PDF) - NXP Semiconductors

SA5222 Datasheet PDF - NXP Semiconductors
Part # SA5222
Download  SA5222 Download
File Size   80.43 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-power FDDI transimpedance amplifier

SA5222 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5222 Datasheet PDF - NXP Semiconductors

Part # SA5222
Download  SA5222 Click to download

File Size   80.43 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-power FDDI transimpedance amplifier

SA5222 Datasheet (HTML) - NXP Semiconductors


SA5222 Product details

DESCRIPTION
The NE/SA5222 is a low-power, wide-band, low noise transimpedance amplifier with differential outputs, optimized for signal recovery in FDDI fiber optic receivers. The part is also suited for many other RF and fiber optic applications as a general purpose gain block.

FEATURES
• Extremely low noise:2.0pA/√Hz
• Single 5V supply
• Low supply current: 9mA
• Large bandwidth: 165MHz
• Differential outputs
• Low output offset
• Low input/output impedances
• High power-supply-rejection ratio: 55dB
• Tight transresistance control
• High input overload: 115µA
• ESD protected

APPLICATIONS
• FDDI preamp
• Current-to-voltage converters
• Wide-band gain block
• Medical and scientific instrumentation
• Sensor preamplifiers
• Single-ended to differential conversion
• Low noise RF amplifiers
• RF signal processing




Similar Part No. - SA5222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5223D PHILIPS-SA5223D Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
FDDI fiber optic postamplifier
1998 Oct 07
SA5224D PHILIPS-SA5224D Datasheet
73Kb / 10P
FDDI fiber optic postamplifier
1998 Oct 07
SA5225 PHILIPS-SA5225 Datasheet
81Kb / 10P
Fiber optic postamplifier
1998 Oct 07
More results


Similar Description - SA5222

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
logo
Burr-Brown (TI)
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3970 MAXIM-MAX3970 Datasheet
486Kb / 10P
10Gbps, 3.3V Low-Power Transimpedance Amplifier with RSSI
Rev 2; 1/02
logo
M/A-COM Technology Solu...
02015-DSH-001-G MA-COM-02015-DSH-001-G Datasheet
382Kb / 21P
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon
logo
Texas Instruments
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com