Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5223 Datasheet (PDF) - NXP Semiconductors

SA5223 Datasheet PDF - NXP Semiconductors
Part # SA5223
Download  SA5223 Download
File Size   136.73 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wide dynamic range AGC transimpedance amplifier 150MHz

SA5223 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5223 Datasheet PDF - NXP Semiconductors

Part # SA5223
Download  SA5223 Click to download

File Size   136.73 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wide dynamic range AGC transimpedance amplifier 150MHz

SA5223 Datasheet (HTML) - NXP Semiconductors


SA5223 Product details

DESCRIPTION
The SA5223 is a wide-band, low-noise transimpedance amplifier with differential outputs, incorporating AGC and optimized for signal recovery in wide-dynamic-range fiber optic receivers, such as SONET. The part is also suited for many other RF and fiber optic applications as a general purpose gain block. The SA5223 is the first AGC amplifier to incorporate internal AGC loop hold capacitor, therefore, no external components are required. The internal AGC loop enables the SA5223 to effortlessly handle bursty data over a range of nA to mA of signal current, positive direction (sinking) only.

FEATURES
• Extremely low noise:1.17pA/√Hz
• Single 5V supply
• Low supply current: 22mA
• Large bandwidth: 150MHz
• Differential outputs
• Internal hold capacitor
• Low input/output impedances
• High power-supply-rejection ratio: 55dB
• Tight transresistance control
• High input overload: 4mA
• 2000V HBM ESD protection

APPLICATIONS
• OC3 SONET preamp (see AN1431 for detailed analysis
• Current-to-voltage converters
• Wide-band gain block
• Medical and scientific instrumentation
• Sensor preamplifiers
• Single-ended to differential conversion
• Low noise RF amplifiers
• RF signal processing




Similar Part No. - SA5223

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5222D PHILIPS-SA5222D Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
FDDI fiber optic postamplifier
1998 Oct 07
SA5224D PHILIPS-SA5224D Datasheet
73Kb / 10P
FDDI fiber optic postamplifier
1998 Oct 07
SA5225 PHILIPS-SA5225 Datasheet
81Kb / 10P
Fiber optic postamplifier
1998 Oct 07
More results


Similar Description - SA5223

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 0
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
AGC Transimpedance Amplifier
Rev 1.6
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
AGC Transimpedance Amplifier
Rev 2
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
AGC Transimpedance Amplifier
Rev 4
ATA06212A ANADIGICS-ATA06212A Datasheet
49Kb / 8P
AGC Transimpedance Amplifier
Rev 1.2
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
AGC Transimpedance Amplifier
Rev 4
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com