Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0021 Datasheet (PDF) - Monolithic Power Systems

EV0021 Datasheet PDF - Monolithic Power Systems
Part # EV0021
Download  EV0021 Download
File Size   200.5 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description MP1521 High Efficiency White LED Driver

EV0021 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0021 Datasheet PDF - Monolithic Power Systems

Part # EV0021
Download  EV0021 Click to download

File Size   200.5 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description MP1521 High Efficiency White LED Driver

EV0021 Datasheet (HTML) - Monolithic Power Systems


EV0021 Product details

General Description

The MP1521 is a constant-current Boost Regulator. This IC has three individual current-sensing feedbacks, which are ideal for driving multiple strings of series connected LEDs. The OLS pin is designed for detecting loose or open LED connections.

The IC uses a peak current, constant minimum off-time architecture. The feedback pins measure voltage across sense resistors in series with the LED strings. When supplying a bias current of 20mA, the voltage drop across the sense resistor is only 0.4V to minimize power loss. Either a DC voltage or a PWM signal at the BRT/PWM input can control the LED brightness.

The MP1521 has an on board power MOSFET switch that is protected by current limit, open load shutdown, thermal shutdown, and under voltage lockout.



Features

■ On Board Power MOSFET

■ Drive 9 White LEDs from 2.7V Input

■ Drive 15 White LEDs from 5V Input

■ Up to 90% Efficiency

■ Over 80mA Output Current Capacity

■ Open Load Shutdown

■ Low Current Sensing Feedback Voltage

■ Up to 3 String Current Sensing Feedback

■ Analog and Digital PWM Brightness Control

■ UVLO, Thermal Shutdown

■ Soft Start

■ Internal Current Limit

■ Available in Compact MSOP10 and Tiny 3 mm x 3 mm QFN16 Package

■ Evaluation Boards Available



Applications

■ Handheld Computers, Cell phones, PDAs, Digital and Video Cameras, Small LCD Displays

■ Li Ion and NiMH Battery Applications



 




Similar Part No. - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV0021 ETC-EV0021 Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
Monolithic Power System...
EV0021 MPS-EV0021 Datasheet
170Kb / 8P
High Efficiency White LED Driver
More results


Similar Description - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com