Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0021 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV0021
Description  MP1521 High Efficiency White LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0021 Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV0021 Datasheet HTML 1Page - Monolithic Power Systems EV0021 Datasheet HTML 2Page - Monolithic Power Systems EV0021 Datasheet HTML 3Page - Monolithic Power Systems EV0021 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV0021
MP1521 High Efficiency
White LED Driver
EVALUATION BOARD
EV0021 Rev 1.1_01/21/03
www.monolithicpower.com
1
Monolithic Power Systems
General Description
The EV0021 evaluation board uses the
MP1521 to drive up to three strings of 5 White
LEDs.
This MP1521 uses a peak current,
constant minimum off-time architecture and
has
three
individual
current-sensing
feedbacks. The OLS pin is designed for
detecting loose or open LED connections.
The feedback pins measure voltage across
sense resistors in series with the LED strings.
When supplying a bias current of 20mA, the
voltage drop across the sense resistor is only
0.4V to minimize power loss. Either a DC
voltage or a PWM signal at the BRT/PWM
input can control the LED brightness.
The
MP1521 has an on board power MOSFET
switch that is protected by current limit, open
load shutdown, thermal shutdown, and under
voltage lockout.
Ordering Information
Board Number
MPS IC Number
EV0021
MP1521EQ
Absolute Maximum Ratings
Supply Voltage (VIN)
28V
Switch Voltage to GND
-0.5V to 28V
VEN,VREF, VBRT, VFB1, VFB2, VFB3
–0.3V to 6V
Storage Temperature
-55
°C to +150°C
Recommended Operating Conditions
Supply Voltage (VIN)
2.7 V to 25V
Figure 1: EV0021 Evaluation Board


Similar Part No. - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV0021 ETC-EV0021 Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
Monolithic Power System...
EV0021 MPS-EV0021 Datasheet
170Kb / 8P
High Efficiency White LED Driver
More results

Similar Description - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com