Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0035 Datasheet (PDF) - Monolithic Power Systems

EV0035 Datasheet PDF - Monolithic Power Systems
Part # EV0035
Download  EV0035 Download
File Size   128.33 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6 White LEDs, 20mA Precision WLED Driver Evaluation Board

EV0035 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0035 Datasheet PDF - Monolithic Power Systems

Part # EV0035
Download  EV0035 Click to download

File Size   128.33 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6 White LEDs, 20mA Precision WLED Driver Evaluation Board

EV0035 Datasheet (HTML) - Monolithic Power Systems


EV0035 Product details

DESCRIPTION

The MP1523 is a 5-pin SOT23 step-up converter designed for driving up to six (6) series white LEDs from a single-cell Lithium Ion battery. The MP1523 uses a current limited, variable frequency architecture to regulate the LED current, which is measured through an external current sense resistor. Its low 0.4V feedback threshold reduces power loss and improves efficiency. To prevent damage due to an open circuit condition, the BIAS pin can measure the output voltage and turn off the converter if an over-voltage condition is present.

The MP1523 includes under-voltage lockout, current limiting, and thermal overload protection to prevent damage in the event of an output overload. The MP1523 is available in a small 5-pin SOT23 package.



FEATURES

• On Board Power MOSFET

• Drives up to 6 White LEDs

• Up to 90% Efficiency

• Over 80mA Output Current Capacity

• Open Load Shutdown

• Low 0.4V Feedback Threshold

• UVLO, Thermal Shutdown

• Soft-Start

• Internal Current Limiter

• Available in SOT23-5 Package

• Evaluation Board Available



APPLICATIONS

• Cell Phones

• Handheld Computers and PDAs

• Digital Still and Video Cameras

• Small LCD Displays



 




Similar Part No. - EV0035

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0035 MPS-EV0035 Datasheet
140Kb / 7P
Precision 6-Lamp White LED Driver
More results


Similar Description - EV0035

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
EV1528DQ-00A MPS-EV1528DQ-00A Datasheet
167Kb / 3P
9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
EV3398T-F-00A MPS-EV3398T-F-00A Datasheet
402Kb / 6P
4 strings, 80V Return Voltage WLED Driver Evaluation Board
EV3306-G-00A MPS-EV3306-G-00A Datasheet
256Kb / 6P
700kHz Synchronous Boost WLED Driver Evaluation Board
EV3366-C-00A MPS-EV3366-C-00A Datasheet
928Kb / 7P
6 Strings Boost White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
6 string White LED Driver Evaluation Board AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com