Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0022 Datasheet (PDF) - Monolithic Power Systems

EV0022 Datasheet PDF - Monolithic Power Systems
Part # EV0022
Download  EV0022 Download
File Size   154.25 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Precision 6 White LED Driver Evaluation Board

EV0022 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0022 Datasheet PDF - Monolithic Power Systems

Part # EV0022
Download  EV0022 Click to download

File Size   154.25 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Precision 6 White LED Driver Evaluation Board

EV0022 Datasheet (HTML) - Monolithic Power Systems


EV0022 Product details

DESCRIPTION
The EV0022 evaluation board uses the MP1522 to drive up to six (6) series white LEDs from a single cell Lithium Ion battery. The MP1522 uses a current limited, variable frequency architecture to regulate the LED current, which is measured through an external current sense resistor. Its 1.23V, 3% feedback threshold improves the LED current regulation. The BIAS pin can measure the output voltage and turn off the converter to prevent damage in an open circuit condition.

FEATURES
• Internal 0.5Ω Power Switch
• Output Voltage up to 25V
• Up to 90% Efficiency
• Low 1µA Shutdown Current
• Input Under-Voltage Protection
• Thermal Shutdown
• Internal Current Limit

APPLICATIONS
• Handheld Computers, PDAs
• Cell Phones
• Digital Still and Video Cameras
• Small LCD Displays




Similar Part No. - EV0022

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
EV0022 MPS-EV0022 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
More results


Similar Description - EV0022

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0035 MPS-EV0035 Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
MP1523 MPS-MP1523 Datasheet
140Kb / 7P
Precision 6-Lamp White LED Driver
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3366-C-00A MPS-EV3366-C-00A Datasheet
928Kb / 7P
6 Strings Boost White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
6 string White LED Driver Evaluation Board AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com