Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1523 Datasheet (PDF) - Monolithic Power Systems

MP1523 Datasheet PDF - Monolithic Power Systems
Part # MP1523
Download  MP1523 Download
File Size   140.67 Kbytes
Page   7 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Precision 6-Lamp White LED Driver

MP1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1523 Datasheet PDF - Monolithic Power Systems

Part # MP1523
Download  MP1523 Click to download

File Size   140.67 Kbytes
Page   7 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Precision 6-Lamp White LED Driver

MP1523 Datasheet (HTML) - Monolithic Power Systems


MP1523 Product details

DESCRIPTION

The MP1523 is a 5-pin SOT23 step-up converter designed for driving up to six (6) series white LEDs from a single-cell Lithium Ion battery. The MP1523 uses a current limited, variable frequency architecture to regulate the LED current, which is measured through an external current sense resistor. Its low 0.4V feedback threshold reduces power loss and improves efficiency. To prevent damage due to an open circuit condition, the BIAS pin can measure the output voltage and turn off the converter if an over-voltage condition is present.

The MP1523 includes under-voltage lockout, current limiting, and thermal overload protection to prevent damage in the event of an output overload. The MP1523 is available in a small 5-pin SOT23 package.



FEATURES

• On Board Power MOSFET

• Drives up to 6 White LEDs

• Up to 90% Efficiency

• Over 80mA Output Current Capacity

• Open Load Shutdown

• Low 0.4V Feedback Threshold

• UVLO, Thermal Shutdown

• Soft-Start

• Internal Current Limiter

• Available in SOT23-5 Package

• Evaluation Board Available



APPLICATIONS

• Cell Phones

• Handheld Computers and PDAs

• Digital Still and Video Cameras

• Small LCD Displays



 




Similar Part No. - MP1523

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1523DT MPS-MP1523DT Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
More results


Similar Description - MP1523

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
MP1528 MPS-MP1528 Datasheet
244Kb / 9P
9 Lamp, 36V Precision White LED Driver
logo
Seoul Semiconductor
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
WHITE LAMP LED
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
WHITE LAMP LED
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com