Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1523 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1523
Description  Precision 6-Lamp White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1523 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP1523 Datasheet HTML 1Page - Monolithic Power Systems MP1523 Datasheet HTML 2Page - Monolithic Power Systems MP1523 Datasheet HTML 3Page - Monolithic Power Systems MP1523 Datasheet HTML 4Page - Monolithic Power Systems MP1523 Datasheet HTML 5Page - Monolithic Power Systems MP1523 Datasheet HTML 6Page - Monolithic Power Systems MP1523 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MP1523 – PRECISION 6-LAMP WHITE LED DRIVER
INITIAL RELEASE
NOTICE:
MPS believes the information in this document to be accurate and reliable. However, it is subject to change without
notice. Contact MPS for current specifications. MPS encourages users of its products to ensure that third party Intellectual
Property rights are not infringed upon when integrating MPS products into any application. MPS cannot assume any legal
responsibility for any said applications.
MP1523 Rev. 1.6
Monolithic Power Systems, Inc.
7
7/14/04
983 University Avenue, Building A, Los Gatos, CA 95032 USA
© 2004 MPS, Inc.
Tel: 408-357-6600
♦ Fax: 408-357-6601 ♦ www.MonolithicPower.com
PACKAGE INFORMATION
SOT23-5
0.45
0°~3°
10 TYP.
(2 plcs)
0
0.20 BSC.
Gauge Plane
±0.10
0.127 TYP
10 TYP.
0
(2 plcs)
0.05(MIN)
10 TYP.
(2 plcs)
0
(2 plcs)
10 TYP.
0
SEATING PLANE
0.15(MAX)
2.90±0.100
0.950
0.950
0.350(MIN)
TYP.
TYP.
(5 PLCS)
CL
CL
0.500(MAX)
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com