Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1523 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1523
Description  Precision 6-Lamp White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1523 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1523 Datasheet HTML 1Page - Monolithic Power Systems MP1523 Datasheet HTML 2Page - Monolithic Power Systems MP1523 Datasheet HTML 3Page - Monolithic Power Systems MP1523 Datasheet HTML 4Page - Monolithic Power Systems MP1523 Datasheet HTML 5Page - Monolithic Power Systems MP1523 Datasheet HTML 6Page - Monolithic Power Systems MP1523 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP1523
Precision 6-Lamp
White LED Driver
INITIAL RELEASE
07/04, Rev. 1.6
www.MonolithicPower.com
1
Monolithic Power Systems
DESCRIPTION
The MP1523 is a 5-pin SOT23 step-up
converter designed for driving up to six (6)
series white LEDs from a single-cell Lithium
Ion battery. The MP1523 uses a current
limited, variable frequency architecture to
regulate the LED current, which is measured
through an external current sense resistor. Its
low 0.4V feedback threshold reduces power
loss and improves efficiency. To prevent
damage due to an open circuit condition, the
BIAS pin can measure the output voltage and
turn off the converter if an over-voltage
condition is present.
The MP1523 includes under-voltage lockout,
current
limiting,
and
thermal
overload
protection to prevent damage in the event of
an output overload. The MP1523 is available in
a small 5-pin SOT23 package.
FEATURES
• On Board Power MOSFET
• Drives up to 6 White LEDs
• Up to 90% Efficiency
• Over 80mA Output Current Capacity
• Open Load Shutdown
• Low 0.4V Feedback Threshold
• UVLO, Thermal Shutdown
• Soft-Start
• Internal Current Limiter
• Available in SOT23-5 Package
• Evaluation Board Available
APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• Small LCD Displays
, “MPS”, “Monolithic Power Systems”, and “The Future of Analog IC
Technology” are Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1523
BIAS
SW
FB
GND
EN
23
1
5
4
VIN
2.7V to 5.5V
A
Up To
6 LEDs
B
EN
MP1523-TAC-S01
100
90
80
70
60
50
5
10152025
LED CURRENT (mA)
MP1523-EC01
VIN = 5V
VIN = 4V
VIN = 3V


Similar Part No. - MP1523

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1523DT MPS-MP1523DT Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
More results

Similar Description - MP1523

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
MP1528 MPS-MP1528 Datasheet
244Kb / 9P
9 Lamp, 36V Precision White LED Driver
logo
Seoul Semiconductor
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
WHITE LAMP LED
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
WHITE LAMP LED
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com