Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1528 Datasheet (PDF) - Monolithic Power Systems

MP1528 Datasheet PDF - Monolithic Power Systems
Part # MP1528
Download  MP1528 Download
File Size   244.26 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 9 Lamp, 36V Precision White LED Driver

MP1528 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1528 Datasheet PDF - Monolithic Power Systems

Part # MP1528
Download  MP1528 Click to download

File Size   244.26 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 9 Lamp, 36V Precision White LED Driver

MP1528 Datasheet (HTML) - Monolithic Power Systems


MP1528 Product details

DESCRIPTION

The MP1528 is a step-up converter designed for driving up to nine (9) series White LEDs (LED) from a single cell Lithium-Ion battery. It regulates the LED current and includes an analog input for varying the LED brightness.

The MP1528 uses current limited, variable frequency architecture to regulate the LED current while maintaining high efficiency. The BIAS pin measures the output voltage and turns off the converter if an over voltage condition is present to prevent damage due to an open circuit condition. The LED current is measured with an external current sense resistor. The low 0.4V full-scale regulation threshold and 0.63Ω power switch minimize power loss.

The MP1528 is available in an 8 pin MSOP and a tiny 6 pin 3mm x 3mm QFN packages.



FEATURES

• Drives up to 9 Series White LEDs

• Integrated 0.63Ω Power MOSFET

• Low 0.4V Full-Scale Current Sense Threshold

• Over 20mA Output Current Capacity

• Analog and Digital PWM Brightness Control

• Open Load Shutdown

• Soft-Start

• Internal Current Limit

• Under Voltage Lockout

• Thermal Shutdown

• Available in 8-Pin MSOP and Tiny 3mm x 3mm 6-Pin QFN Packages



APPLICATIONS

• Handheld Computers

• PDAs

• PDA Phones

• Digital and Video Cameras

• Small LCD Displays



 




Similar Part No. - MP1528

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1528DQ MPS-MP1528DQ Datasheet
167Kb / 3P
9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
More results


Similar Description - MP1528

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
MP1523 MPS-MP1523 Datasheet
140Kb / 7P
Precision 6-Lamp White LED Driver
logo
Seoul Semiconductor
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
WHITE LAMP LED
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
WHITE LAMP LED
logo
Monolithic Power System...
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
6V - 36V, Step-Down, White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com