Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1528DQ Datasheet (PDF) - Monolithic Power Systems

MP1528DQ Datasheet PDF - Monolithic Power Systems
Part # MP1528DQ
Download  MP1528DQ Download
File Size   167.54 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 9 Lamp, 20mA Preciscion WLED Driver Evaluation Board

MP1528DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1528DQ Datasheet PDF - Monolithic Power Systems

Part # MP1528DQ
Download  MP1528DQ Click to download

File Size   167.54 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 9 Lamp, 20mA Preciscion WLED Driver Evaluation Board

MP1528DQ Datasheet (HTML) - Monolithic Power Systems


MP1528DQ Product details

DESCRIPTION

The MP1528 is a step-up converter designed for driving up to nine (9) series White LEDs (LED) from a single cell Lithium-Ion battery. It regulates the LED current and includes an analog input for varying the LED brightness.

The MP1528 uses current limited, variable frequency architecture to regulate the LED current while maintaining high efficiency. The BIAS pin measures the output voltage and turns off the converter if an over voltage condition is present to prevent damage due to an open circuit condition. The LED current is measured with an external current sense resistor. The low 0.4V full-scale regulation threshold and 0.63Ω power switch minimize power loss.

The MP1528 is available in an 8 pin MSOP and a tiny 6 pin 3mm x 3mm QFN packages.



FEATURES

• Drives up to 9 Series White LEDs

• Integrated 0.63Ω Power MOSFET

• Low 0.4V Full-Scale Current Sense Threshold

• Over 20mA Output Current Capacity

• Analog and Digital PWM Brightness Control

• Open Load Shutdown

• Soft-Start

• Internal Current Limit

• Under Voltage Lockout

• Thermal Shutdown

• Available in 8-Pin MSOP and Tiny 3mm x 3mm 6-Pin QFN Packages



APPLICATIONS

• Handheld Computers

• PDAs

• PDA Phones

• Digital and Video Cameras

• Small LCD Displays



 




Similar Part No. - MP1528DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1528DQ MPS-MP1528DQ Datasheet
244Kb / 9P
9 Lamp, 36V Precision White LED Driver
More results


Similar Description - MP1528DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0035 MPS-EV0035 Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
List of Unclassifed Man...
MPU-9150 ETC2-MPU-9150 Datasheet
1Mb / 15P
9-Axis Evaluation Board
logo
Monolithic Power System...
EV4027-J-00B MPS-EV4027-J-00B Datasheet
769Kb / 12P
Low Line Voltage, 10W High side Buck PFC Offline WLED Driver Evaluation Board
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398T-F-00A MPS-EV3398T-F-00A Datasheet
402Kb / 6P
4 strings, 80V Return Voltage WLED Driver Evaluation Board
EV3306-G-00A MPS-EV3306-G-00A Datasheet
256Kb / 6P
700kHz Synchronous Boost WLED Driver Evaluation Board
EV24894-J-00A MPS-EV24894-J-00A Datasheet
208Kb / 7P
Step-Down WLED-Curernt Controller Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com