Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD421EB Datasheet (PDF) - Analog Devices

EVAL-AD421EB Datasheet PDF - Analog Devices
Part # EVAL-AD421EB
Download  EVAL-AD421EB Download
File Size   222.13 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for Loop Powered 4-20mA DAC

EVAL-AD421EB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD421EB Datasheet PDF - Analog Devices

Part # EVAL-AD421EB
Download  EVAL-AD421EB Click to download

File Size   222.13 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for Loop Powered 4-20mA DAC

EVAL-AD421EB Datasheet (HTML) - Analog Devices


EVAL-AD421EB Product details

GENERAL DESCRIPTION
The AD421 is a complete, loop-powered, digital to 4 mA to 20 mA converter, designed to meet the needs of smart transmitter manufacturers in the Industrial Control industry. It provides a high precision, fully integrated, low cost solution in a compact 16-lead package. The AD421 is ideal for extending the resolution of smart 4 mA to 20 mA transmitters at very low cost.

FEATURES
    4 mA to 20 mA Current Output
    HART® Compatible
    16-Bit Resolution and Monotonicity
    0.01% Integral Nonlinearity
    5 V or 3 V Regulator Output
    2.5 V and 1.25 V Precision Reference
    750 A Quiescent Current max
    Programmable Alarm Current Capability
    Flexible High Speed Serial Interface
    16-Lead SOIC and PDIP Packages




Similar Part No. - EVAL-AD421EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
More results


Similar Description - EVAL-AD421EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
logo
Murata Power Solutions ...
DMS-20PC-4 MURATA-PS-DMS-20PC-4 Datasheet
227Kb / 6P
Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com