Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD421EB Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD421EB
Description  Evaluation Board for Loop Powered 4-20mA DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD421EB Datasheet(HTML) 6 Page - Analog Devices

  EVAL-AD421EB Datasheet HTML 1Page - Analog Devices EVAL-AD421EB Datasheet HTML 2Page - Analog Devices EVAL-AD421EB Datasheet HTML 3Page - Analog Devices EVAL-AD421EB Datasheet HTML 4Page - Analog Devices EVAL-AD421EB Datasheet HTML 5Page - Analog Devices EVAL-AD421EB Datasheet HTML 6Page - Analog Devices EVAL-AD421EB Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVAL-AD421EB
REV. A
–6–
COMPONENT LISTING AND MANUFACTURERS
Intergrated Circuits
Component
Location
Vendor
AD421
U1
Analog Devices
DN2535/DN2540
U2
Supertex
1
74HC4050
U3
Philips
Capacitors
Component
Location
Vendor
0.01
µF Ceramic
C1, C2
Philips
Mftrs No. CW20C 103M
0.0033
µF Ceramic
C3
4.7
µF ± 20% Tantalum (16 V)
C4, C5
AVX- Kyocera
Mftrs No TAG106MO16
0.01
µF Ceramic(X7R ±20%)
C6, C10
Philips
Mftrs No. CW20C 103M
10
µF ± 20% Tantalum (16 V)
C7
AVX- Kyocera
Mftrs No TAG106MO16
0.1
µF Ceramic(X7R ±20%)
C8, C11
Philips
Mftrs No. CW20C 104M
1000pF Ceramic
C9
Philips
Mftrs No. CW15A102M
Resistors
Component
Location
Vendor
1k
Ω ±5% 0.25W
Carbon Film Resistor
R1
Bourns
10k
Ω ±5% 0.25W
Carbon Film Resistor
R2, R3, R4
Bourns
EMI/EMC Ferrites
Component
Location
Vendor
28F0195-100
Ferrites
L1,L2
Steward
2
Link Options
Component
Location
Vendor
Pin Headers
Lk1 (3x2 way)
Harwin
Mftrs No. M20-9993606
Shorting Plugs
Pin Headers
Harwin
(1 required)
Mftrs No. M7571-05
Sockets
Component
Location
Vendor
36 Pin Centronics Connector
P1
Fujitsu
Mftrs No. FCN785J036G0
16-Pin IC Socket
U1,U2
Harwin
Mftrs No. D2816-01
PCB Mounting Terminal Block
P2 (LOOP PLUS,
Lumberg
LOOP MINUS)
Mftrs No. KRM2
1 Supertex inc., 1350 Bordeaux Drive, Sunnyvale, California 94089. Tel No. 408 744 0100
2 Steward, 1200 East 36th Street, P.O. Box 510, Chattanooga, Tennessee 37401-0510. Tel No. 423 867 4100.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com