Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD421EB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD421EB
Description  Evaluation Board for Loop Powered 4-20mA DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD421EB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD421EB Datasheet HTML 1Page - Analog Devices EVAL-AD421EB Datasheet HTML 2Page - Analog Devices EVAL-AD421EB Datasheet HTML 3Page - Analog Devices EVAL-AD421EB Datasheet HTML 4Page - Analog Devices EVAL-AD421EB Datasheet HTML 5Page - Analog Devices EVAL-AD421EB Datasheet HTML 6Page - Analog Devices EVAL-AD421EB Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
Evaluation Board for
Loop Powered 4-20mA DAC
EVAL-AD421EB
FEATURES
Loop Powered
5V, 3.3V and 3V Modes of Operation
Direct Hook-Up to Printer Port of PC
PC Software for Control of Loop Current
Included on the evaluation board, along with the AD421, are a
DN2535/DN2540, an N-Channel depletion mode FET which is
used as part of the regulator loop to regulate the supply for the
board from the externally supplied loop voltage applied between
the loop(+) and loop (-) inputs, digital buffers to buffer and
level shift the input signals from the printer port edge connector
and a number of passive components required to achieve
optimum performance from the AD421.
Interfacing to the AD421 board is provided via a 36-Pin
Centronics Connector.
OPERATING THE AD421 EVALUATION BOARD
Power Supplies
The evaluation board operates from a single power supply
connected between the LOOP PLUS and LOOP MINUS
terminals on the board. This loop power supply must be floating
with respect to the computer ground and have a minimum limit
of V
CC+2 V and a maximum limit of the breakdown voltage of
the external pass transistor. The pass transistor used on this
board is a DN2535/DN2540, N-Channel Depletion mode
transistor available from Supertex inc.., this facilitates the use of
loop voltages up to 350V. This pass transistor in association
with the regulator loop of the AD421 regulates the supply
voltage for the AD421 itself and for the digital buffers on the
board. The regulated voltage is referenced to the COM pin on
the AD421. A link option on the board selects the operating
mode for the board to be either 5V, 3.3V or 3V.
The regulated voltage on the AD421 V
CC pin is decoupled with
10
µF tantalum and 0.1µF ceramic disc capacitors.
The loop current can be measured in either the LOOP PLUS or
LOOP MINUS lines.
INTRODUCTION
This Application Note describes the evaluation board for the
AD421, loop powered 4-20mA DAC. The AD421 is a
complete, loop-powered, digital to 4-20mA converter, designed
to meet the needs of smart transmitter manufacturers in the
Industrial Control industry. It provides a high precision, fully
integrated, low cost solution in a compact 16-pin package. The
AD421 is ideal for extending the resolution of smart 4-20mA
transmitters at very low cost.
The AD421 includes a selectable regulator which can be used to
power all other devices in the transmitter. This regulator
provides either a +5 V, +3.3 V or +3 V regulated output
voltage. The part also contains +1.25 V and +2.5 V precision
references. The AD421 thus eliminates the need for a discrete
regulator and voltage reference. The only external components
required are a number of passive components and a pass
transistor to span large loop voltages. Full data on the AD421 is
available in the AD421 data sheet available from Analog
Devices and should be consulted in conjunction with this
Application Note when using the Evaluation Board.
FUNCTIONAL BLOCK DIAGRAM
36-WAY
CENTRONICS
CONNECTOR
LEVEL
SHIFTERS/
BUFFERS
AD421
V
CC
V
CC
COM
DRIVE
LOOP
RTN
DN2535/
DN2540
LOOP
PLUS
LOOP
MINUS
GND
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.


Similar Part No. - EVAL-AD421EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
More results

Similar Description - EVAL-AD421EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
logo
Murata Power Solutions ...
DMS-20PC-4 MURATA-PS-DMS-20PC-4 Datasheet
227Kb / 6P
Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com