Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0041 Datasheet (PDF) - Monolithic Power Systems

EV0041 Datasheet PDF - Monolithic Power Systems
Part # EV0041
Download  EV0041 Download
File Size   316.18 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Full Bridge or Single Ended Audio Amplifier

EV0041 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0041 Datasheet PDF - Monolithic Power Systems

Part # EV0041
Download  EV0041 Click to download

File Size   316.18 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Full Bridge or Single Ended Audio Amplifier

EV0041 Datasheet (HTML) - Monolithic Power Systems


EV0041 Product details

General Description
The EV0041 is an evaluation board designed to demonstrate the capabilities of MPS’ MP8040. It can be configured as a stereo single ended amplifier (EV0041A) or a full bridge mono amplifier (EV0041B).

Features
■ +/- 9A Peak Current Output
■ +/- 4.25A Continuous Current Output
■ Up to 1.2MHz Switching Frequency
■ Protected Integrated Power 0.1 Ω Switches
    ■ Designed Switch Dead time of 30ns
    ■ All Switches Current Limited
    ■ Internal Under-voltage Protection
    ■ Internal Thermal Protection
■ 1µA Standby Mode
■ Fault Indicator Output

Applications
■ Full or Half Bridge DC-DC Switching Regulator
■ Class D Audio Driver
■ Motor Driver




Similar Part No. - EV0041

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
More results


Similar Description - EV0041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3173A TI-UC3173A Datasheet
489Kb / 12P
Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
Full-Bridge Power Amplifier
UC3176 TI-UC3176 Datasheet
389Kb / 5P
Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
Full Bridge Power Amplifier
logo
NXP Semiconductors
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
TFA9810 NXP-TFA9810_08 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
logo
Texas Instruments
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
Full Bridge Power Amplifier
logo
NXP Semiconductors
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com