Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0041 Datasheet (PDF) - Monolithic Power Systems

EV0041 Datasheet PDF - Monolithic Power Systems
Part # EV0041
Download  EV0041 Download
File Size   249.66 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High Current Integrated Half Bridge Driver

EV0041 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0041 Datasheet PDF - Monolithic Power Systems

Part # EV0041
Download  EV0041 Click to download

File Size   249.66 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High Current Integrated Half Bridge Driver

EV0041 Datasheet (HTML) - Monolithic Power Systems


EV0041 Product details

DESCRIPTION
The MP8040 is a general purpose, high frequency half bridge power driver capable of driving a 9A load. The devices integrates both top and bottom N-Channel MOSFET power switches and is fully protected from both sourcing and sinking current by a preset cycle-by-cycle current limit. It has a wide input voltage range from 7.5V to 25V.

FEATURES
• ±9A Peak Current Output
• ±4.25A Continuous Current Output
• Up to 1.2MHz Switching Frequency
• Protected Integrated Power 100mΩ Switches
• All Switches Current Limited
• Integrated Under-Voltage Protection
• Integrated Thermal Protection
• 2.5µA Standby Mode
• True 2-Quadrant Operation
• Sources and Sinks Current
• Fault Indicator Output

APPLICATIONS
• Class D Audio Driver
    o 25W/4Ω/10% Output Power Single Ended
    o 70W/4Ω/10% Output Power Full Bridge
• Full or Half Bridge DC-DC Switching Regulator
• Motor Driver




Similar Part No. - EV0041

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
Full Bridge or Single Ended Audio Amplifier
More results


Similar Description - EV0041

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Texas Instruments
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
logo
Texas Instruments
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
logo
Infineon Technologies A...
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com