Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7731 Datasheet (PDF) - Monolithic Power Systems

MP7731 Datasheet PDF - Monolithic Power Systems
Part # MP7731
Download  MP7731 Download
File Size   291.63 Kbytes
Page   6 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Compact 25W Class D Stereo Bridged Audio Amplifier

MP7731 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7731 Datasheet PDF - Monolithic Power Systems

Part # MP7731
Download  MP7731 Click to download

File Size   291.63 Kbytes
Page   6 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Compact 25W Class D Stereo Bridged Audio Amplifier

MP7731 Datasheet (HTML) - Monolithic Power Systems


MP7731 Product details

GENERAL DESCRIPTION
The EV0045 is a stereo evaluation board featuring MPS’ MP7731 Class D Full Bridge Audio Amplifier. The EV0045 can deliver 25W into a 4Ω load with a 14.5V input supply.

FEATURES
• 25W into 4Ω with 14.5V Input
• 90% Efficiency at 5W
• 9.5V to 14.5V Supply Voltage Operation
• Full Bridge Output Drive
• Integrated 180mΩ Switches
• Turn On / Turn Off Click and Pop Suppression
• Integrated Short Circuit Protection
• Integrated Thermal shutdown
• Mute / Standby Mode

APPLICATIONS
• Notebook and Multimedia Computers
• Television and Home Theatre Systems
• DVD and VCR Players




Similar Part No. - MP7731

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7731 MPS-MP7731 Datasheet
274Kb / 9P
5W - 30W Class D Mono Bridged Audio Amplifier
MP7731 MPS-MP7731 Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
MP7731DF MPS-MP7731DF Datasheet
274Kb / 9P
5W - 30W Class D Mono Bridged Audio Amplifier
More results


Similar Description - MP7731

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
AAM 30W Class-D Bridged Audio Amplifier
logo
Monolithic Power System...
MP7731 MPS-MP7731 Datasheet
274Kb / 9P
5W - 30W Class D Mono Bridged Audio Amplifier
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
MPQ7731 MPS-MPQ7731 Datasheet
249Kb / 10P
5W - 30W Class D Mono Bridged Audio Amplifier
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
EV7782DF-01A MPS-EV7782DF-01A Datasheet
370Kb / 6P
40W Class D Stereo Bridged Audio Amplifier
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com