Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490 Datasheet (PDF) - STMicroelectronics

TDA7490 Datasheet PDF - STMicroelectronics
Part # TDA7490
Download  TDA7490 Download
File Size   193.8 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL

TDA7490 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7490 Datasheet PDF - STMicroelectronics

Part # TDA7490
Download  TDA7490 Click to download

File Size   193.8 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL

TDA7490 Datasheet (HTML) - STMicroelectronics


TDA7490 Product details

DESCRIPTION
The TDA7490 is a dual audio class D amplifier assembled in Flexiwatt 25 package; it is specially designed for high efficiency application mainly for TV and Home Stereo sets.

■ 25W + 25W OUTPUT POWER:
   RL = 8Ω/4Ω; THD = 10%
■ HIGH EFFICIENCY
■ WIDE SUPPLY VOLTAGE RANGE (FROM ±10 TO ±25V)
■ SPLIT SUPPLY
■ TURN OFF/ON POP FREE
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION ACROSS THE LOAD
■ THERMAL OVERLOAD PROTECTION
■ EXTERNALLY SINCHRONIZABLE
■ BRIDGE CONFIGURATION




Similar Part No. - TDA7490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
More results


Similar Description - TDA7490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
Sanyo Semicon Device
STK4199MK2 SANYO-STK4199MK2 Datasheet
721Kb / 7P
3-channel AF Power Amplifier (- Dual Power Supply) 25W50W25W
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
logo
Monolithic Power System...
EV0045 MPS-EV0045 Datasheet
291Kb / 6P
Compact 25W Class D Stereo Bridged Audio Amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com