Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7490
Description  25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7490 Datasheet HTML 2Page - STMicroelectronics TDA7490 Datasheet HTML 3Page - STMicroelectronics TDA7490 Datasheet HTML 4Page - STMicroelectronics TDA7490 Datasheet HTML 5Page - STMicroelectronics TDA7490 Datasheet HTML 6Page - STMicroelectronics TDA7490 Datasheet HTML 7Page - STMicroelectronics TDA7490 Datasheet HTML 8Page - STMicroelectronics TDA7490 Datasheet HTML 9Page - STMicroelectronics TDA7490 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TDA7490
6/10
Figure 6. Distortion vs. Output Power
Figure 7. Distortion vs. Output Power
Figure 8. Crosstalk vs. Frequency
Figure 9. Frequency Response
Figure 10. Power Dissipation vs. Output Power
Figure 11. Distortion vs. Output Power in BTL
0
2
4
6
16
18
20
22
24
810
12
14
PO(W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
D99AU1088
Stereo
VS ± 21V; Rl=8
Ω;
f=1KHz
0
2
4
6
16
18
20
22
24
810
12
14
PO(W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
D99AU1089
Stereo
VS ± 16V; Rl=4
Ω;
f=1KHz
0.001
0.01
0.1
1
f(KHz)
111
CT
(dB)
-20
-30
-40
-50
-60
-70
-80
-90
-100
VS ± 17V;
Rl=8
Ω;
0dB=1W
D99AU1102
0.01
0.1
1
10
f(KHz)
-14
-12
-10
-8
-6
-4
-2
0
2
AMP
(dB)
VS ± 21V;
Rl=8
Ω;
0dB=1W
D99AU1091
0
2
4
6
8
10 12 14 16 18 20 22 24 26
Output Power (W)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
Power Dissipation (W)
Vs= +/- 21 V; Rl = 8 Ohm; f= 1 KHz
0
5
10
15
20
25
30
35
40
45
50
PO(W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
D99AU1082
Bridge
VS ± 17V;
Rl=8
Ω;
f=1KHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com