Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7490
Description  25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7490 Datasheet HTML 1Page - STMicroelectronics TDA7490 Datasheet HTML 2Page - STMicroelectronics TDA7490 Datasheet HTML 3Page - STMicroelectronics TDA7490 Datasheet HTML 4Page - STMicroelectronics TDA7490 Datasheet HTML 5Page - STMicroelectronics TDA7490 Datasheet HTML 6Page - STMicroelectronics TDA7490 Datasheet HTML 7Page - STMicroelectronics TDA7490 Datasheet HTML 8Page - STMicroelectronics TDA7490 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
TDA7490
December 2005
1FEATURES
■ 25W + 25W OUTPUT POWER:
@RL = 8
Ω/4Ω; THD = 10%
■ HIGH EFFICIENCY
■ WIDE SUPPLY VOLTAGE RANGE (FROM ±10
TO ±25V)
■ SPLIT SUPPLY
■ TURN OFF/ON POP FREE
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION ACROSS
THE LOAD
■ THERMAL OVERLOAD PROTECTION
■ EXTERNALLY SINCHRONIZABLE
■ BRIDGE CONFIGURATION
2DESCRIPTION
The TDA7490 is a dual audio class D amplifier as-
sembled in Flexiwatt 25 package; it is specially de-
signed for high efficiency application mainly for TV
and Home Stereo sets.
25W + 25W STEREO CLASS-D AMPLIFIER
50W MONO IN BTL
Figure 2. Test and Application Circuit. (Stereo Configuration)
PWM-stage1
G=2.5
PREAMPLIFIER1
INTEGRATOR1
R21 4.7K
C26 470pF C25 470pF
R20
68K
R17 52.3K
C23
2200
µF
C22
100nF
C21
2200
µF
R4
130K
L1 30
µ
INPUT1
OSC
C19
560pF
C20
33nF
C18 330pF
C17
24pF
C16 330pF
R15
100
-VCC
R14 22K
R12 22K
C10
220nF
OUT1
PWM-stage2
L2 30
µ
OUT2
C29
220nF
R13
10K
C15
560pF
R11
100
-VCC
EXT_CK
G=2.5
PREAMPLIFIER2
C8 470pF
C9 470pF
R6
68K
R5 4.7K
C14
33nF
R9 52.3K
+VCC
-VCC
+VCC
+VCC
-VCC
C28
2200
µF
C12
2200
µF
C11
100nF
C1 330nF
C2
1nF
STBY
MUTE
R2
30K
C27
2.2
µF
R1 10K
C3
100nF
C4
100nF
INPUT2
C5 330nF
C6
1nF
-VCC
-VCC
D98AU978A
79
14
2
4
6
10
12
13
16
1
25
18
19
17
20
24
22
21
23
15
8
11
3
5
INTEGRATOR2
R3
10K
C7 100nF
R1 10K
R 6.8
Rev. 6
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7490
Flexiwatt 25
Flexiwatt 25


Similar Part No. - TDA7490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
More results

Similar Description - TDA7490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
Sanyo Semicon Device
STK4199MK2 SANYO-STK4199MK2 Datasheet
721Kb / 7P
3-channel AF Power Amplifier (- Dual Power Supply) 25W50W25W
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
logo
Monolithic Power System...
EV0045 MPS-EV0045 Datasheet
291Kb / 6P
Compact 25W Class D Stereo Bridged Audio Amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com