Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7265 Datasheet (PDF) - Unisonic Technologies

TDA7265 Datasheet PDF - Unisonic Technologies
Part # TDA7265
Download  TDA7265 Download
File Size   244.19 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY

TDA7265 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7265 Datasheet PDF - Unisonic Technologies

Part # TDA7265
Download  TDA7265 Click to download

File Size   244.19 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY

TDA7265 Datasheet (HTML) - Unisonic Technologies


TDA7265 Product details

DESCRIPTION

The UTC TDA7265 is a stereo 25+25W class AB Dual Audio Power amplifier with mute and ST-BY control. This IC provides high output power of 25 watts per channel (at VCC=±20V, f=1KHz, THD=10%, RL = 8 Ω). It has low IQ at stand-by mode and no POP at turn ON or OFF.



FEATURES

* High output power: POUT =25 W/channel (Typ.)

   VCC= ±20V, RL = 8Ω, f =1KHz, THD = 10%

* Operation supply voltage range (TA = 25°C)

   VCC(OPR) = ±5~±25V (RL = 8 Ω)

   VCC(OPR) = ±5~±18V (RL = 4 Ω)

* Split supply

* Built in overload protection circuit.

* Built in thermal shut down protector circuit.

* Built in audio muting circuit (POP free)

* Built in standby circuit.




Similar Part No. - TDA7265

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
399Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
logo
Unisonic Technologies
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results


Similar Description - TDA7265

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
25W MONO AMPLIFIER WITH MUTE/ST-BY
1997-Feb
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com